Electronic Components Datasheet Search
  English  ▼

X  

LR6311 Datasheet(PDF) 7 Page - Leshan Radio Company

Part # LR6311
Description  3 Watt Mono Filter-Free Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6311 Datasheet(HTML) 7 Page - Leshan Radio Company

Back Button LR6311 Datasheet HTML 3Page - Leshan Radio Company LR6311 Datasheet HTML 4Page - Leshan Radio Company LR6311 Datasheet HTML 5Page - Leshan Radio Company LR6311 Datasheet HTML 6Page - Leshan Radio Company LR6311 Datasheet HTML 7Page - Leshan Radio Company LR6311 Datasheet HTML 8Page - Leshan Radio Company LR6311 Datasheet HTML 9Page - Leshan Radio Company LR6311 Datasheet HTML 10Page - Leshan Radio Company LR6311 Datasheet HTML 11Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Audio Precision
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Com m ent
1
1
Cyan
Solid
1
Analyzer.THD+N Ratio B
Left
2.5v
2
1
Green
Solid
1
Analyzer.THD+N Ratio B
Left
3v
3
1
Yellow
Solid
1
Analyzer.THD+N Ratio B
Left
3.6v
4
1
Red
Solid
1
Analyzer.THD+N Ratio B
Left
5v
0.1
20
0.2
0.5
1
2
5
10
%
6m
3
10m
20m
50m
100m
200m
500m
1
2
W
Figure7 THDN vs PO (RL=4ohm, f=1kHz, Gain=2)
Audio Precision
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Magenta
Solid
1
.Analyzer.THD+N Ratio B
Left
2.5V
2
1
Red
Solid
1
.Analyzer.THD+N Ratio B
Left
3V
3
1
Yellow
Solid
1
.Analyzer.THD+N Ratio B
Left
3.6V
4
1
Green
Solid
1
.Analyzer.THD+N Ratio B
Left
5V
0.1
20
0.2
0.5
1
2
5
10
%
5m
1
10m
20m
50m
100m
200m
500m
W
Figure8 THDN vs PO (RL=8ohm, f=1kHz, Gain=2)
Typical Performance Characteristics
Leshan Radio Co ., Ltd
7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com