Electronic Components Datasheet Search
  English  ▼

X  

LR6311 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LR6311
Description  3 Watt Mono Filter-Free Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6311 Datasheet(HTML) 6 Page - Leshan Radio Company

Back Button LR6311 Datasheet HTML 2Page - Leshan Radio Company LR6311 Datasheet HTML 3Page - Leshan Radio Company LR6311 Datasheet HTML 4Page - Leshan Radio Company LR6311 Datasheet HTML 5Page - Leshan Radio Company LR6311 Datasheet HTML 6Page - Leshan Radio Company LR6311 Datasheet HTML 7Page - Leshan Radio Company LR6311 Datasheet HTML 8Page - Leshan Radio Company LR6311 Datasheet HTML 9Page - Leshan Radio Company LR6311 Datasheet HTML 10Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
3>. A 33uH inductor should be used in series with RL for efficiency
measurement
4>. The 30 kHz LPF (shown in figure 5) is required even if the analyzer has
an internal LPF
Component Recommended
Due to the weak noise immunity of the single-ended input application, the
differential input application should be used whenever possible. The typical
component values are listed in the table:
RI
CI
CS
150 k
3.3 nF
1 uF
(1) CI should have a tolerance of ±10% or better to reduce impedance
mismatch.
(2)
Use 1% tolerance resistors or better to keep the performance optimized,
and place the RI close to the device to limit noise injection on the high-
impedance nodes.
Input Resistors (RI) & Capacitors (CI)
The input resistors (RI) set the total voltage gain of the amplifier according to Eq1
1
150
2
Eq
V
V
R
k
Gain
I
Ω
×
=
The input resistor matching directly affects the CMRR, PSRR, and the second
harmonic distortion cancellation.
If a differential signal source is used, and the signal is biased from 0.5V ~ VDD-
0.8V (shown in Figure2), the input capacitor (CI) is not required.
If the input signal is not biased within the recommended common-mode input
range in differential input application (shown in Figure3), or in a single-ended input
application (shown in Figure4), the input coupling capacitors are required.
If the input coupling capacitors are used, the RI and CI form a high-pass filter
(HPF). The corner frequency (fC) of the HPF can be calculated by Eq2
( )
2
2
1
Eq
Hz
C
R
f
I
I
C
⋅
⋅
=
π
Decoupling Capacitor (CS)
A good low equivalent-series-resistance (ESR) ceramic capacitor (CS), used as
power supply decoupling capacitor (CS), is required for high power supply rejection
(PSRR), high efficiency and low total harmonic distortion (THD). Typically CS is
1µF, placed as close as possible to the device VDD pin.
Leshan Radio Co ., Ltd
6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com