Electronic Components Datasheet Search
  English  ▼

X  

LR6311 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR6311
Description  3 Watt Mono Filter-Free Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6311 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR6311 Datasheet HTML 1Page - Leshan Radio Company LR6311 Datasheet HTML 2Page - Leshan Radio Company LR6311 Datasheet HTML 3Page - Leshan Radio Company LR6311 Datasheet HTML 4Page - Leshan Radio Company LR6311 Datasheet HTML 5Page - Leshan Radio Company LR6311 Datasheet HTML 6Page - Leshan Radio Company LR6311 Datasheet HTML 7Page - Leshan Radio Company LR6311 Datasheet HTML 8Page - Leshan Radio Company LR6311 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
3 Watt Mono Filter-Free Class-D Audio Power Amplifier
Features
Efficiency With an 8- Speaker:
88% at 400 mW
80% at 100 mW
2.6mA Quiescent Current
0.4µA Shutdown Current
Optimized PWM Output Stage Eliminates LC Output Filter
Internally Generated 250-kHz Switching Frequency Eliminates Capacitor and
Resistor
Improved PSRR (−75 dB) and Wide Supply Voltage (2.5 V to 5.5 V) Eliminates
Need for a Voltage Regulator
Fully Differential Design Reduces RF Rectification and Eliminates Bypass
Capacitor
Improved CMRR Eliminates Two Input Coupling Capacitors
Available in space-saving package: 9-bump WLCSP
General Description
The LR6311 is a 3-W high efficiency filter-free cla
ss-D audio power amplifier in
a wafer chip scale package (WCSP) that requires only three external components.
Features like 88% efficiency, −75dB PSRR, and improved RF-rectification
immunity make the LR6311 ideal for cellular handsets. In cellular handsets, the
earpiece, speaker phone, and melody ringer can each be driven by the LR6311.
Applications
Mobile phone、PDA
MP3/4、PMP
Portable electronic devices
Leshan Radio Co ., Ltd
1/13
LR6311


Similar Part No. - LR6311

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LR631 SEOUL-LR631 Datasheet
376Kb / 14P
INFRARED LAMP LED
LR631 SEOUL-LR631 Datasheet
360Kb / 13P
CYAN LAMP LED
LR631 SEOUL-LR631 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LR631 SEOUL-LR631 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LR631 SEOUL-LR631 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LR6311

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
2.8W filter-free mono class D audio power amplifier
10-Jan-2007
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
3.2W Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
MONO Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
Mono Filter-Free Class-D Audio Power Amplifier
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
MONO Filter-free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
Filter-Free Mono Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
2.5W Mono Filter-Free Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com