Electronic Components Datasheet Search
  English  ▼

X  

LR6311 Datasheet(PDF) 8 Page - Leshan Radio Company

Part # LR6311
Description  3 Watt Mono Filter-Free Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6311 Datasheet(HTML) 8 Page - Leshan Radio Company

Back Button LR6311 Datasheet HTML 4Page - Leshan Radio Company LR6311 Datasheet HTML 5Page - Leshan Radio Company LR6311 Datasheet HTML 6Page - Leshan Radio Company LR6311 Datasheet HTML 7Page - Leshan Radio Company LR6311 Datasheet HTML 8Page - Leshan Radio Company LR6311 Datasheet HTML 9Page - Leshan Radio Company LR6311 Datasheet HTML 10Page - Leshan Radio Company LR6311 Datasheet HTML 11Page - Leshan Radio Company LR6311 Datasheet HTML 12Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Audio Precision
Color
Sweep Trace
Line Style Thick Data
Axis
Comment
1
1
Green
Solid
1
Analyzer.THD+NRatio B Left
Po=25mW
2
1
Cyan
Solid
1
Analyzer.THD+NRatio B Left
Po=250mW
3
1
Yellow Solid
1
Analyzer.THD+NRatio B Left
Po=1w
0.0001
100
0.001
0.01
0.1
1
10
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Figure9 THDN vs Frequency (VDD=5V RL=8ohm Gain=2 CI=2uF)
Audio Precision
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Green
Solid
1
Analyzer.THD+N Ratio B
Left
2
1
Cyan
Solid
1
Analyzer.THD+N Ratio B
Left
3
1
Yellow
Solid
1
Analyzer.THD+N Ratio B
Left
0.01
10
0.1
1
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Figure10 THDN vs Frequency (VDD=3.6V RL=8ohm Gain=2 CI=2uF)
Leshan Radio Co ., Ltd
8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com