Electronic Components Datasheet Search
  English  ▼

X  

LR6311 Datasheet(PDF) 11 Page - Leshan Radio Company

Part # LR6311
Description  3 Watt Mono Filter-Free Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6311 Datasheet(HTML) 11 Page - Leshan Radio Company

Back Button LR6311 Datasheet HTML 5Page - Leshan Radio Company LR6311 Datasheet HTML 6Page - Leshan Radio Company LR6311 Datasheet HTML 7Page - Leshan Radio Company LR6311 Datasheet HTML 8Page - Leshan Radio Company LR6311 Datasheet HTML 9Page - Leshan Radio Company LR6311 Datasheet HTML 10Page - Leshan Radio Company LR6311 Datasheet HTML 11Page - Leshan Radio Company LR6311 Datasheet HTML 12Page - Leshan Radio Company LR6311 Datasheet HTML 13Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Efficiency vs Po
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.02 0.05 0.1 0.15 0.2 0.25 0.4 0.5 0.6 0.8
1
1.2
Po
Vdd=5V
Vdd=2.5
Figure15 GSM Power Supply Rejection vs Time
(RL=8Ω
Ω
Ω
Ω+33uH)
Supply Current vs Po
0
0.05
0.1
0.15
0.2
0.25
0.3
0
0.02
0.05
0.1
0.15
0.2
0.25
0.4
0.5
0.6
0.8
1
1.2
Po (W)
Vdd=5V
Vdd=2.5V
Figure16 Supply Current vs Output Power (RL=8Ω
Ω
Ω
Ω
+33uH)
Leshan Radio Co ., Ltd
11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com