Electronic Components Datasheet Search
  English  ▼

X  

LR6311 Datasheet(PDF) 12 Page - Leshan Radio Company

Part # LR6311
Description  3 Watt Mono Filter-Free Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6311 Datasheet(HTML) 12 Page - Leshan Radio Company

Back Button LR6311 Datasheet HTML 5Page - Leshan Radio Company LR6311 Datasheet HTML 6Page - Leshan Radio Company LR6311 Datasheet HTML 7Page - Leshan Radio Company LR6311 Datasheet HTML 8Page - Leshan Radio Company LR6311 Datasheet HTML 9Page - Leshan Radio Company LR6311 Datasheet HTML 10Page - Leshan Radio Company LR6311 Datasheet HTML 11Page - Leshan Radio Company LR6311 Datasheet HTML 12Page - Leshan Radio Company LR6311 Datasheet HTML 13Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Audio Precision
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Cyan
Solid
1
FFT.ChAAmplitude
Left
1
2
Green
Solid
1
FFT.ChB Amplitude
Right
-40m
40m
-20m
0
20m
V
-200m
200m
-100m
0
100m
V
0
30m
5m
10m
15m
20m
25m
s
Figure17 GSM Power Supply Rejection vs Time
AudioPrecision
Color
Sweep Trace
LineStyle Thick Data
Axis
Comment
1
1
Cyan
Solid
1
FFT.ChAAmplitude Left
1
2
Green Solid
1
FFT.ChBAmplitude Right
-125
+100
-100
-75
-50
-25
+0
+25
+50
+75
V
o
(
d
B
V
)
-140
-20
-120
-100
-80
-60
-40
V
D
D
(
d
B
V
)
0
2k
200
400
600
800
1k
1.2k
1.4k
1.6k
1.8k
Hz
Figure18 GSM Power Supply Rejection vs Frequency
Leshan Radio Co ., Ltd
12/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com