Electronic Components Datasheet Search
  English  ▼

X  

LR6311 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR6311
Description  3 Watt Mono Filter-Free Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6311 Datasheet(HTML) 5 Page - Leshan Radio Company

  LR6311 Datasheet HTML 1Page - Leshan Radio Company LR6311 Datasheet HTML 2Page - Leshan Radio Company LR6311 Datasheet HTML 3Page - Leshan Radio Company LR6311 Datasheet HTML 4Page - Leshan Radio Company LR6311 Datasheet HTML 5Page - Leshan Radio Company LR6311 Datasheet HTML 6Page - Leshan Radio Company LR6311 Datasheet HTML 7Page - Leshan Radio Company LR6311 Datasheet HTML 8Page - Leshan Radio Company LR6311 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Test Circuit
1uF
IN+
IN-
VDD
GND
VO+
VO-
LR6311
150K
150K
2uF
2uF
RL
30KHz
LPF
Signal input
from
measurement
Output
to
measurement
+
-
Power
Supply
CS
Ci
Ci
Ri
Ri
SDB
Shutdown
signal
VO
Vin
Figure 5. LR6311 test set up circuit
100
47nF
100
47nF
30kHz LPF
VO+
VO-
V
O
Figure 6. 30-kHz LPF for LR6311 test
Notes: 1>. CS should be placed as close as possible to VDD/GND pad of the
device
2>. Ci should be shorted for any Common-Mode input voltage measurement
Leshan Radio Co ., Ltd
5/13
Symb
ol
Min.
Typ.
Max.
THD+N=10%, f=1KHz, RL = 4
0.7
THD+N=1%, f=1KHz, RL = 4
0.55
THD+N=10%, f=1KHz, RL = 8
0.4
THD+N=1%, f=1KHz, RL = 8
0.3
THD+N
Total Harmonic
Distortion + Noise
Po=0.2Wrms, f=1kHz, RL = 8
0.19
%
Parameter
Conditions
Spec
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com