Electronic Components Datasheet Search
  English  ▼

X  

SFH7773 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH7773
Description  (IR-LED Proximity Sensor Ambient Light Sensor)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7773 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH7773 Datasheet HTML 3Page - OSRAM GmbH SFH7773 Datasheet HTML 4Page - OSRAM GmbH SFH7773 Datasheet HTML 5Page - OSRAM GmbH SFH7773 Datasheet HTML 6Page - OSRAM GmbH SFH7773 Datasheet HTML 7Page - OSRAM GmbH SFH7773 Datasheet HTML 8Page - OSRAM GmbH SFH7773 Datasheet HTML 9Page - OSRAM GmbH SFH7773 Datasheet HTML 10Page - OSRAM GmbH SFH7773 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ambient light levels. Fig. 13 demonstrates
this
outstanding
feature.
Even
in
environments of 50 klx the proximity signal
is completely unaffected (refer to Fig. 13) by
even illumination with a halogen lamp which
contains a high level of IR radiation.
6. Current Consumption
The following equations give an idea on the
total power consumption of the SFH 7773
during operation.
By operating the PS in the free-running
mode, the current consumption (including
LED current, ILED) can be approximated by
the following Eq. (depending on the
measurement interval time trep_PS and the PS
integration time tburst):
()
PS
rep
LED
burst
PS
AVG
t
mA
I
t
I
_
_
100
5
.
0
+
⋅
=
Eq. (2)
The current consumption during operation of
the ALS depends on the ALS integration
time tint as well as the repletion time trep_ALS
can be approximated by:
ALS
rep
ALS
AVG
t
t
mA
I
_
int
_
1
⋅
=
Eq. (3)
Example for total PS current consumption:
ILED = 100 mA, tburst = 300 us and trep = 100
ms
=>
IAVG_PS = 300 μA.
This compares to a stand-by current
consumption of less than 5 μA (typ. 2-3 μA).
7. Operating Modes
The SFH 7773 can be operated in three
different modes, in which the proximity resp.
the ambient light function can be used
independently from each other. The three
basic modes are:
Mode
Bit Rate
Standard mode (Sm)
≤ 100 kbit/s
Fast mode (Fm)
≤ 400 kbit/s
High speed mode (Hs)
≤ 3.4 Mbit/s
Tab. 3: The I
2C-bus protocol speed mode
compatibility of the SFH 7773.
free-running:
The sensor measures
continuously and writes the results into the
relevant registers, ready to be read via the
I2C-bus interface. Optionally the interrupt
alert function with the user-defined threshold
levels (PS and/or ALS) will be executed if
such an event takes place.
triggered:
The measurements are initiated
via I2C-bus instruction. Data are available
after processing is finished (10 ms total
delay time for PS, 100 ms for ALS).
stand-by:
The initial state after power-up.
The SFH 7773 is in low power mode (IDD < 5
μA), no operations are carried out, but the
device is ready to respond to I2C-bus
commands.
additionally, there is the off-state:
off:
The SFH 7773 is inactive, supply
current is below 2 μA. The SDA, SCL and
INT pins are in Z-state (high impedance). All
register entries are reset to the default
values.
The transition time between the modes, ttrans,
is < 10 ms. The delay time between standby
and start of measurement is < 10 ms. The
voltage VDD to switch the SFH 7773 into the
off-state is < 1.4 V. To reach the stand-by
mode at least 2.0 V are required.
8. I
2C – Bus Communication
The address of the SFH 7773 is 0x38.
8.1 I²C - Bus Environment
The SFH 7773 is a digital ambient light and
proximity sensor. The communication is
performed via a 2-wire I²C bus interface, so
the device can be integrated into a typical
multi-master
/
multi-slave
I²C
bus
environment.
A typical I²C bus network
consists of a master and different I²C bus
slave
devices.
For
a
more
detailed
discussion on the topic of I2C-bus please
refer to [2].
December 12, 2011
page 7 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com