Electronic Components Datasheet Search
  English  ▼

X  

SFH7773 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH7773
Description  (IR-LED Proximity Sensor Ambient Light Sensor)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7773 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH7773 Datasheet HTML 1Page - OSRAM GmbH SFH7773 Datasheet HTML 2Page - OSRAM GmbH SFH7773 Datasheet HTML 3Page - OSRAM GmbH SFH7773 Datasheet HTML 4Page - OSRAM GmbH SFH7773 Datasheet HTML 5Page - OSRAM GmbH SFH7773 Datasheet HTML 6Page - OSRAM GmbH SFH7773 Datasheet HTML 7Page - OSRAM GmbH SFH7773 Datasheet HTML 8Page - OSRAM GmbH SFH7773 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
December 12, 2011
page 3 of 23
4.2 Directivity of the ALS
Fig. 5 presents the directivity of the ALS.
This is an important point for considering the
design of a potential cover glass (please
refer to Sec. 10.1 for more details).
4.3 Sensitivity Range of the ALS
The range of the ALS can be programmed
by the user via the ALS integration time
(register 0x26). Per default (integration time
= 100 ms) the range covers 0.3 lx to 6.5 klx
with a resolution of typ. 0.1 lx/count. A
doubling of the integration time changes the
sensitivity range by a factor of two. Please
400 500 600 700 800 900 1000 1100
0,0
0,2
0,4
0,6
0,8
1,0
Wavelength / nm
Si-Photodetector
V-lambda
SFH 7773
Fig. 3: Spectral sensitivity of the SFH 7773
vs. the human eye (V-lambda) and standard
Si-photodetectors.
0
20
40
60
80
100
Human Eye Level
Flourescent
Lamp
Halogen
Lamp
Sunlight
Light
Bulb
Standard
Light A
(2856 K)
Fig. 4: Ambient light sensor accuracy vs.
different light sources. Normalized to 100 lux
and standard light A.
tint
ALS
Range
ALS
Resolution
10 ms
3.0 lx - 65535 lx
1.00 lx/count
20 ms
1.5 lx - 32767 lx
0.50 lx/count
50 ms
0.60 lx - 13106 lx 0.20 lx/count
100 ms
0.30 lx - 6553 lx
0.10 lx/count
200 ms
0.15 lx - 3277 lx
0.05 lx/count
500 ms
0.06 lx - 1311 lx
0.02 lx/count
1000 ms 0.03 lx - 655 lx
0.01 lx/count
Tab. 2: ALS integration time settings tint and
their relation to ALS range and resolution
(default: tint = 100 ms).
-90
-60
-30
0
30
60
90
0
50
100
-
+
+
-
45°
30°
Angle / °
Short Axis
Long Axis
ALS
Directional Sensitivity of the Ambient Light Sensor
40°
Fig. 5: Directional characteristics of the
ambient light sensor.
1
10
100
1000 10000 100000
0.1
1
10
100
1000
10000
Illumination / Lux
Ambient Light Sensor Count vs. Illumination
(Standard Light A)
Fig. 6: Ambient light sensor count vs.
illumination (integration time = 100 ms).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com