Electronic Components Datasheet Search
  English  ▼

X  

SFH7773 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH7773
Description  (IR-LED Proximity Sensor Ambient Light Sensor)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7773 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH7773 Datasheet HTML 1Page - OSRAM GmbH SFH7773 Datasheet HTML 2Page - OSRAM GmbH SFH7773 Datasheet HTML 3Page - OSRAM GmbH SFH7773 Datasheet HTML 4Page - OSRAM GmbH SFH7773 Datasheet HTML 5Page - OSRAM GmbH SFH7773 Datasheet HTML 6Page - OSRAM GmbH SFH7773 Datasheet HTML 7Page - OSRAM GmbH SFH7773 Datasheet HTML 8Page - OSRAM GmbH SFH7773 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
- spectral sensitivity to mimic the human eye
(V-lambda)
I
2C-Bus Interface
- Slave Address 0111 000X
- 100kHz / 400kHz and 3.4MHz mode
- programmable operation modes
(stand-by, triggered, free-running)
- low current consumption (< 5μA)
in stand-by mode
- configurable interrupt output with
programmable threshold levels for
PS and ALS
4. Ambient Light Sensor
Proximity
PD
Ambient Light
PD
IR LED
ASIC
VLED
VDD
INT
SDA
SCL
5
2
3
7
6
1
I2C
Command Register
Data Register
Oscillator
Signal
Processing
LED
Driver
Analog
Amplifier
Internal
Power
Supply
GNDLED
GNDDD
CATH
4
8
Fig. 2: SFH 7773 functional block diagram.
The ambient light sensor is intended to
provide ambient light measurement, e.g. to
control and adjust the display brightness. To
support this functionality the SFH 7773
provides a convenient user interface.
The ambient light sensor delivers output
values in the range from 0 to 65535 (16 bit).
Low output values correspond to a low
illumination of the sensor, while high values
indicate high illumination. The range of the
ambient light sensor sensitivity can be set
by the user and covers more than 4 ½
decades. Two threshold levels for the
ambient light sensor can be set via the I2C-
bus, a lower and an upper threshold. In the
case of exceeding these thresholds an
interrupt is generated automatically, allowing
e.g. the microcontroller to act accordingly
(see Sec. 8.3 for the relevant registers and
settings).
Pin No.
Pin
Label
Description
1
VLED
LED Supply Voltage
2
GNDLED Ground VLED - LED Driver
3
VDD
Digital Supply Voltage
4
GNDDD
Ground (Digital)
5
INT
Interrupt Pin
6
SCL
I2C-Bus Clock Line
7
SDA
I2C-Bus Data Line
8
CATH
Must not be Connected
Tab. 1: Pin configuration of the SFH 7773
4.1 Spectral Sensitivity of the ALS
The human eye’s wavelength range of
significant sensitivity is between 400 nm and
700 nm with its peak at around 555 nm
(often called V-lambda characteristic).
The spectral sensitivity of the SFH 7773
aims to mimic the sensitivity of the human
eye as close as possible and provides a real
improvement compared to standard silicon-
photodetectors (see Fig. 3).
Fig. 4 compares the ALS count readings
with different light sources and relates them
to the human eye sensitivity (V-lambda),
assuming the same illuminance value.
Values are normalized to the standard light
source A (2856 K). Due to the high IR and
UV suppression the sensor shows only
minor deviation compared to the perception
of the human eye for different light sources.
Please note that the use of coloured cover
glasses might influence the accuracy,
depending on the spectral transmission
characteristics (visible plus infrared range)
of the cover glasses.
December 12, 2011
page 2 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com