Electronic Components Datasheet Search
  English  ▼

X  

SFH7773 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH7773
Description  (IR-LED Proximity Sensor Ambient Light Sensor)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7773 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH7773 Datasheet HTML 2Page - OSRAM GmbH SFH7773 Datasheet HTML 3Page - OSRAM GmbH SFH7773 Datasheet HTML 4Page - OSRAM GmbH SFH7773 Datasheet HTML 5Page - OSRAM GmbH SFH7773 Datasheet HTML 6Page - OSRAM GmbH SFH7773 Datasheet HTML 7Page - OSRAM GmbH SFH7773 Datasheet HTML 8Page - OSRAM GmbH SFH7773 Datasheet HTML 9Page - OSRAM GmbH SFH7773 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
cover glass. A common and proven solution
is the use of an external separator to avoid
the reflections from the cover glass.
However,
such
a
separator
causes
additional design-in effort.
Due to its design the SFH 7773 is crosstalk-
insensitive
for
a
range
of
typical
applications. Fig. 11 and 12 present this
range as a function of cover glass thickness
vs. the spacing between the bottom of the
cover glass and the SFH 7773 (airgap).
Typical applications where the SFH 7773
works without an external separator are e.g.
0.8 mm cover glass and an airgap of 0.7
mm. Note that the crosstalk-free range
depends on the actual design of the cover
glass aperture. To utilize the full potential of
the SFH 7773 it is recommended to use an
aperture design within the cover glass
(please refer to Sec. 10.1 for more details).
Beyond the “crosstalk-free” indicated area a
separator is recommended. In any case it is
recommended to verify the actual design.
Please note that beyond the proposed
“crosstalk-free”-range the sensor works as
well, but might experience a certain offset-
level, dependent, among other issues, on
the type of glass. Please note that coloured
(dark) cover glasses might reduce the
“crosstalk-free”-range, depending on the
type/quality of the cover glass. Experimental
verification of the behaviour is mandatory
here.
0.00
0.25
0.50
0.75
1.00
0.00
0.25
0.50
0.75
1.00
external Separator recommended
Cover Glass Thickness / mm
"Crosstalk-free" - Range
Boundary for
C'over Design
with Aperture
SFH7773
Fig. 12: Crosstalk-free range: Cover glass
thickness
vs.
airgap.
The
device
is
“crosstalk-free” for e.g. 1.0 mm cover glass
and an airgap of 0.7 mm.
0
25
50
75
100
125
150
50
100
150
200
250
Target Distance / mm
0 lx
50k lx Halogen Lamp
I
LED = 200 mA, tburst = 1000 us
Kodak White 90 %, 100 x 100 mm2
50k lx at SFH 7773 from Halogen Lamp
Fig. 13: Proximity signal in different ambient
light conditions. Even in a high brightness
environment (50k lx on SFH 7773, ILED =
200 mA) the sensor shows no significant
changes.
0.00
0.25
0.50
0.75
1.00
0.00
0.25
0.50
0.75
1.00
external Separator recommended
Cover Glass Thickness / mm
"Crosstalk-free" - Range
Boundary for Cover Design
without Aperture
SFH7773
Fig. 11: Crosstalk-free range: Cover glass
thickness
vs.
airgap.
The
device
is
“crosstalk-free” for e.g. 0.2 mm cover glass
and an airgap of 0.5 mm. To achieve
optimized performance a two-hole aperture
design is recommended (see Fig. 12).
5.5. Ambient Light Suppression of the
PS-Signal
Due to its design the SFH 7773 features an
excellent
immunity
of
the
proximity
measurement
against
even
ultra-high
December 12, 2011
page 6 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com