Electronic Components Datasheet Search
  English  ▼

X  

SFH7773 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # SFH7773
Description  (IR-LED Proximity Sensor Ambient Light Sensor)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7773 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button SFH7773 Datasheet HTML 5Page - OSRAM GmbH SFH7773 Datasheet HTML 6Page - OSRAM GmbH SFH7773 Datasheet HTML 7Page - OSRAM GmbH SFH7773 Datasheet HTML 8Page - OSRAM GmbH SFH7773 Datasheet HTML 9Page - OSRAM GmbH SFH7773 Datasheet HTML 10Page - OSRAM GmbH SFH7773 Datasheet HTML 11Page - OSRAM GmbH SFH7773 Datasheet HTML 12Page - OSRAM GmbH SFH7773 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
register for the ALS (0x80). Each command
needs to be acknowledged by the slave.
After activation the master ends the
communication with a STOP command “P”
(SDA line is changing from LOW to HIGH
during SCL line stays HIGH). In this
example the measurement interval time is
kept at the default value (500 ms).
2. Activation of the PS:
For the activation of the PS sensor the
master needs to write the activation
command (0x03) into the corresponding
control register (0x81). By writing 0x1E into
the I_LED register (0x82) the LED current is
set to 200 mA. The measurement interval is
left at the default value (100 ms). After
activation
the
master
ends
the
communication with a STOP command.
3. Wait time:
After activation, the sensor will change from
STAND-BY to FREE-RUNNING mode. After
a delay of 100 ms for ALS / 10 ms for PS
the first measurement value is available and
can be read via the I²C-bus.
4. PS value: reading data
The PS value is accessible via the output
register (0x8F). After reading the 8-bit word,
the communication can be ended by the
master with a not acknowledge “NA” and the
stop command “P”. The PS output reading
of the SFH 7773 can then be converted from
hexadecimal to decimal.
5. ALS value: reading data (LSB and MSB)
The sensor’s 16bit ALS measurement value
is composed of 2 bytes (LSB & MSB). The
bytes are accessible via the two output
registers (0x8C, 0x8D). After addressing the
LSB (least significant byte) resp. the MSB
(most significant byte) output register, the
communication direction has got to be
changed from the slave to the master by
repeating the address and the R/W byte with
a changed R/W bit. After reading LSB and
MSB, the communication is ended by the
master with a not acknowledge “NA” and the
stop condition “P”. The conversion of the
ALS output data of the SFH 7773 from
hexadecimal to decimal can easily be
calculated:
Fig. 15: Combined mode structure.
ALS_DATA_LSB = F0 (1111 0000)
ALS_DATA_MSB = 83 (1000 0011)
Final result (hexadecimal): 83 F0 counts
Final result (decimal): 33776 counts, which
correspond to around 30.4 klx (based on a
conversion factor of typ. 0.9 lux/count).
After finishing the measurement, the SFH
7773 mode may be changed to STAND-BY
via the control register.
Combined mode
To ensure interference free communication
the I²C-bus combined mode should be used.
Instead of performing two independent read
or write commands (COM 1 & COM 2) the
commands can be combined by a repeated
start condition “Sr” (Fig. 15 illustrates the
combined mode structure).
The start and repeated start commands
(“Sr”) are the same: the SDA line is
changing from “1” to “0” during SCL line “1”.
The “Sr” condition is placed behind “A” or
“NA”. The combined mode is not limited to 2
read/write commands, so the addressing of
the sensor and reading/writing of multiple
register values can be performed within one
block.
Block read mode
The Block read mode of the SFH 7773 can
be used to read all output registers in cyclic
manner.
December 12, 2011
page 9 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com