Electronic Components Datasheet Search
  English  ▼

X  

SFH7773 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # SFH7773
Description  (IR-LED Proximity Sensor Ambient Light Sensor)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7773 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button SFH7773 Datasheet HTML 12Page - OSRAM GmbH SFH7773 Datasheet HTML 13Page - OSRAM GmbH SFH7773 Datasheet HTML 14Page - OSRAM GmbH SFH7773 Datasheet HTML 15Page - OSRAM GmbH SFH7773 Datasheet HTML 16Page - OSRAM GmbH SFH7773 Datasheet HTML 17Page - OSRAM GmbH SFH7773 Datasheet HTML 18Page - OSRAM GmbH SFH7773 Datasheet HTML 19Page - OSRAM GmbH SFH7773 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
recommended for the window opening (IR
and visible light transmissive) to get
maximum ALS also under tilted situations.
Fig.
16
illustrates
the
above
recommendations by utilizing a Ø 1.8 – 2.0
mm aperture (minimum recommended). In
case where larger airgaps are used OSRAM
recommends apertures of Ø ≥ 2.0 mm. Note
that the proximity sensor alone works also
with a smaller aperture (the PS detector
aperture is the same as the IR-LED (emitter)
but a too small aperture might impact the
detection distance).
The proposed design values do not count
for any manufacturing tolerances concerning
the placement of the component vs. cover
glass tolerances. Additionally it is worth to
mention, that the sensor works also if this
geometric guidelines are not followed.
However, this might lead - under worst case
circumstances - to some performance
reductions. It is also important to mention
that a reduced IR transmission of the cover
glass (at 850 nm) might also reduce the
maximum
switching
distance.
To
compensate for, it is recommended to either
increase the LED current or/and reduce the
PS threshold level in the relevant register.
As a rule of thumb, a 25 % one way
transmission loss at 850 nm reduces the
signal at the sensor site by a factor of 0.56
resp. the PS signal by around 13 counts and
results in a reduction of the detection range
by around a factor of 1.4 (note the pseudo-
logarithmic scale of the counts vs. detector
irradiance, see also Sec. 5.2). Please refer
to Tab. 7 for an overview.
By implementing dark cover glasses in front
of the SFH 7773 one has to take into
account
the
spectral
transmission
characteristics of the glass in order to get
the correct readings from the ALS. E.g. a
dark cover glass (90 % attenuation) means
that the measured ALS count of 100
corresponds now to 1000 lx in front of the
cover vs. 100 lx at the sensor (see also Tab.
6).
The
overall
spectral
transmission
characteristics of the cover glass might also
impact the accuracy concerning different
light sources (different attenuation of IR vs.
visible light). Please contact your local
OSRAM technical team for more support on
these issues.
For
optimized
performance
OSRAM
recommends to avoid placing the sensor
close to other components or objects as
their
reflections
might
impair
the
performance
of
the
sensor.
It
is
recommended to have black, low reflective
structures next to the sensor.
Fig. 16: Aperture design for cover glass. The above values represent an arrangement, without
considering mechanical tolerances. Performance evaluation is recommended in any case to
verify the viability of the design. Note that the sensor also performs in a less than ideal
environment (e.g. smaller apertures). For larger airgaps a larger aperture diameter is
recommended. Low reflective structures are recommended in the vicinity of the sensor for
optimized performance.
December 12, 2011
page 16 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com