Electronic Components Datasheet Search
  English  ▼

X  

SFH7773 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH7773
Description  (IR-LED Proximity Sensor Ambient Light Sensor)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7773 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH7773 Datasheet HTML 1Page - OSRAM GmbH SFH7773 Datasheet HTML 2Page - OSRAM GmbH SFH7773 Datasheet HTML 3Page - OSRAM GmbH SFH7773 Datasheet HTML 4Page - OSRAM GmbH SFH7773 Datasheet HTML 5Page - OSRAM GmbH SFH7773 Datasheet HTML 6Page - OSRAM GmbH SFH7773 Datasheet HTML 7Page - OSRAM GmbH SFH7773 Datasheet HTML 8Page - OSRAM GmbH SFH7773 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SFH 7773
(IR-LED + Proximity Sensor + Ambient Light Sensor)
Application note
preliminary
1. Introduction
Fig. 1: Photography and orientation of the
SFH 7773.
The SFH 7773 combines a digital ambient
light sensor and a proximity sensor (emitter
+ detector) within one package. Additionally
the sensor provides an I2C-bus interface and
an interrupt pin to connect it to an e.g.
microcontroller.
This application note describes the basic
technical features and the components
operation, allowing the user to achieve the
full functionality of the sensor. At the end a
simple software code illustrates an example
for the implementation of the SFH 7773 into
a mobile phone environment.
Please note that this guide is only a brief
introduction. For more detailed information
and the latest products and updates please
visit www.osram-os.com or contact your
local sales office to get technical assistance
during your design-in phase.
2. Applications
Typical
application
areas
are
mobile
phones, PDAs, notebooks, cameras and
other consumer products. Common tasks for
the integrated ambient light sensor are
display brightness adjustments, whereas the
proximity sensor is usually employed to
detect objects and motions. This single
component
integrates
several
distinct
functionalities and greatly simplifies the
design-in process in consumer as well as
industrial applications. The dark black look
of the SFH 7773 makes it ideally suitable for
implementation behind a cover glass.
The ultra-low power consumption of the
SFH 7773 makes the devices especially
suited
for
mobile
applications,
where
conservation of battery power is a critical
point.
3. The SFH 7773
The SFH 7773 (see Fig. 1) consists of an
850 nm infrared (IR) LED and an ultra-low
power ASIC which performs the signal
processing
and
provides
the
I2C-bus
interface as well as an interrupt alert
function. Additionally the ASIC contains the
two photodiodes for proximity resp. ambient
light sensing. The functional block diagram
can be found in Fig. 2. The pinning of the
devices is stated in Tab. 1. The key features
of the SFH 7773 include:
Proximity Sensor (PS)
- detection-range up to 150 mm
- optimized for the integrated 850nm emitter
- superior ambient light suppression
(> 50 klx)
- immunity to crosstalk
-
fast access to PS signal
- high power (stacked) emitter version for
extended detection range are available
on request
Ambient Light Sensor (ALS)
- 0.03 lx – 65 000 lx
- excellent linearity
December 12, 2011
page 1 of 23


Similar Part No. - SFH7773

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7770 OSRAM-SFH7770 Datasheet
243Kb / 22P
Not for design in automotive and industrial applications
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
Ambient Light and Proximity Sensor
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
Ambient Light and Proximity Sensor
SFH7776 OSRAM-SFH7776 Datasheet
430Kb / 34P
Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
SFH7776 OSRAM-SFH7776 Datasheet
430Kb / 34P
Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
More results

Similar Description - SFH7773

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
Ambient Light and Proximity Sensor
logo
Fairchild Semiconductor
FLD00060 FAIRCHILD-FLD00060 Datasheet
2Mb / 22P
I2C Digital Ambient Light and Proximity Sensor with Built-in IR LED
logo
AMIC Technology
ASR8600 AMICC-ASR8600 Datasheet
244Kb / 14P
Ambient Light, Solar-UV, IR and Proximity Sensor
ASR8800 AMICC-ASR8800 Datasheet
59Kb / 1P
Ambient Light, Solar_UV_Index, IR and Proximity Sensor
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
Ambient Light and Proximity Sensor
SFH7779 OSRAM-SFH7779 Datasheet
1Mb / 35P
Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
Ambient Light and Proximity Sensor
SFH-7776 OSRAM-SFH-7776 Datasheet
1Mb / 35P
Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
logo
Rohm
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
Proximity Sensor/Ambient Light Sensor
logo
ams AG
SFH7779 AMSCO-SFH7779 Datasheet
3Mb / 42P
Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
Version 1.7 2023-05-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com