Electronic Components Datasheet Search
  English  ▼

X  

SFH7773 Datasheet(PDF) 22 Page - OSRAM GmbH

Part # SFH7773
Description  (IR-LED Proximity Sensor Ambient Light Sensor)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7773 Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button SFH7773 Datasheet HTML 15Page - OSRAM GmbH SFH7773 Datasheet HTML 16Page - OSRAM GmbH SFH7773 Datasheet HTML 17Page - OSRAM GmbH SFH7773 Datasheet HTML 18Page - OSRAM GmbH SFH7773 Datasheet HTML 19Page - OSRAM GmbH SFH7773 Datasheet HTML 20Page - OSRAM GmbH SFH7773 Datasheet HTML 21Page - OSRAM GmbH SFH7773 Datasheet HTML 22Page - OSRAM GmbH SFH7773 Datasheet HTML 23Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
inside the ALS window (only in non-latched
mode).
Like
stated
above,
it
is
recommended to use a hysteresis by
defining the thresholds in order to avoid
flickering of the interrupt event.
12.4.2 Operation of the PS
Fig. 22 illustrates the flowchart for a
microcontroller based proximity sensing
example. Operating the SFH 7773 in the
stand alone mode plus using the interrupt
functionality helps to save battery power.
The interrupt (set to active low) alerts the
microcontroller only in case an object
passes
a
certain
distance
threshold
(towards the sensor, e.g. in a mobile
phone). This allows the mobile phone to
turn-off the display e.g. during a call to save
battery power.
A new threshold (with hysteresis) and the
inverting of the interrupt logic of the SFH
7773 - after an event has taken place - allow
to adapt the sensor to detect the motion in
the opposite direction (only for non-latched
interrupt mode). By adapting dynamically
new thresholds it is recommended to set a
certain hysteresis level to avoid flickering of
the interrupt event.
Fig. 21: Flowchart for a microcontroller based ambient light sensing example.
December 12, 2011
page 22 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com