Electronic Components Datasheet Search
  English  ▼

X  

AD9734-EB Datasheet(PDF) 32 Page - Analog Devices

Part # AD9734-EB
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9734-EB Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9734-EB Datasheet HTML 28Page - Analog Devices AD9734-EB Datasheet HTML 29Page - Analog Devices AD9734-EB Datasheet HTML 30Page - Analog Devices AD9734-EB Datasheet HTML 31Page - Analog Devices AD9734-EB Datasheet HTML 32Page - Analog Devices AD9734-EB Datasheet HTML 33Page - Analog Devices AD9734-EB Datasheet HTML 34Page - Analog Devices AD9734-EB Datasheet HTML 35Page - Analog Devices AD9734-EB Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 32 of 72
SYNC CONTROLLER (SYNC_CNT) REGISTERS (REG. 7, REG. 8)
ADDR
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x07
SYNC_CNT1
FIFOSTAT3
FIFOSTAT2
FIFOSTAT1
FIFOSTAT0
VALID
SCHANGE
PHOF<1>
PHOF<0>
0x08
SYNC_CNT2
SSURV
SAUTO
SFLT<3>
SFLT<2>
SFLT<1>
SFLT<0>
RESERVED
STRH<0>
Table 14. Sync Controller Register Bit Descriptions
Bit Name
Read/Write
Description
FIFOSTAT<2:0>
READ
Position of FIFO read counter ranges from 0 to 7.
FIFOSTAT<3>
READ
0, SYNC logic OK.
1, error in SYNC logic.
VALID
READ
0, FIFOSTAT<3:0> is not valid yet.
1, FIFOSTAT<3:0> is valid after a reset.
SCHANGE
READ
0, no change in FIFOSTAT<3:0>.
1, FIFOSTAT<3:0> has changed since the previous measurement cycle when SSURV = 1 (surveillance mode
active).
PHOF<1:0>
WRITE
00, change the readout counter.
READ
Current setting of the readout counter (PHOF<1:0>) in surveillance mode (SSURV = 1) after an interrupt.
Current calculated optimal readout counter value in AUTO mode (SAUTO = 1).
SSURV
WRITE
0, the controller stops after completion of the current measurement cycle.
1, continuous measurements are taken and an interrupt is issued if the readout counter drifts beyond the
threshold value.
SAUTO
WRITE
0, readout counter (PHOF<3:0>) is not automatically updated.
1, continuously starts measurement cycles and updates the readout counter according to the
measurement.
NOTE: SSURV (Reg. 8, Bit 7) must be set to 1 and the SYNC IRQ (Reg. 1, Bit 2) must be set to 0 for AUTO
mode.
SFLT<3:0>
WRITE
0x0, average filter length, FIFOSTAT = FIFOSTAT + Delta FIFOSTAT/2 ^ SFLT<3:0>; values greater than 12
(0x0C) are clipped to 12.
STRH<0>
WRITE
0, if FIFOSTAT<2:0> = 0 or 7, a sync interrupt is generated.
1, if FIFOSTAT<2:0> = 0, 1, 6 or 7, a sync interrupt is generated.
CROSS CONTROLLER (CROS_CNT) REGISTERS (REG. 10, REG. 11)
ADDR
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0A
CROS_CNT1
–
–
UPDEL<5>
UPDEL<4>
UPDEL<3>
UPDEL<2>
UPDEL<1>
UPDEL<0>
0x0B
CROS_CNT2
–
–
DNDEL<5>
DNDEL<4>
DNDEL<3>
DNDEL<2>
DNDEL<1>
DNDEL<0>
Table 15. Cross Controller Register Description
Bit Name
Read/Write
Description
UPDEL<5:0>
WRITE
0x00, move the differential output stage switching point up, set to 0 if DNDEL is non-zero.
DNDEL<5:0>
WRITE
0x00, move the differential output stage switching point down, set to 0 if UPDEL is non-zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com