Electronic Components Datasheet Search
  English  ▼

X  

AD9734-EB Datasheet(PDF) 28 Page - Analog Devices

Part # AD9734-EB
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9734-EB Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9734-EB Datasheet HTML 24Page - Analog Devices AD9734-EB Datasheet HTML 25Page - Analog Devices AD9734-EB Datasheet HTML 26Page - Analog Devices AD9734-EB Datasheet HTML 27Page - Analog Devices AD9734-EB Datasheet HTML 28Page - Analog Devices AD9734-EB Datasheet HTML 29Page - Analog Devices AD9734-EB Datasheet HTML 30Page - Analog Devices AD9734-EB Datasheet HTML 31Page - Analog Devices AD9734-EB Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 28 of 72
AD973x WCDMA ACLR, 20 mA FULL SCALE
#ATTEN 6dB
PAVG
10
W1
S2
CENTER 134.83MHz
#RES BW 30kHz
VBW 300kHz
SPAN 33.88MHz
SWEEP 109.9ms (601pts)
REF –22.75dBm
#AVG
LOG 10dB/
RMS RESULTS
OFFSET FREQ
REF BW
dBc
dBm
dBc
dBm
CARRIER POWER
5.00MHz
3.840MHz
–81.65
–92.37
–81.39
–92.11
–10.72dBm/
10.0MHz
3.840MHz
–82.06
–92.78
–82.43
–93.16
3.84000MHz
15.0MHz
3.884MHz
–82.11
–92.83
–82.39
–93.11
LOWER
UPPER
Figure 65. AD9736 WCDMA Carrier at 134.83 MHz, fDAC = 491.52 MSPS
RMS RESULTS
OFFSET FREQ
REF BW
dBc
dBm
dBc
dBm
CARRIER POWER
5.00MHz
3.840MHz
–80.32
–91.10
–80.60
–91.38
–10.72dBm/
10.0MHz
3.840MHz
–81.13
–91.91
–80.75
–91.53
3.84000MHz
15.0MHz
3.884MHz
–80.43
–91.21
–81.36
–92.13
LOWER
UPPER
PAVG
10 S2
CENTER 134.83MHz
#RES BW 30kHz
VBW 300kHz
#ATTEN 6dB
SPAN 33.88MHz
SWEEP 109.9ms (601pts)
REF –22.75dBm
#AVG
LOG 10dB/
Figure 66. AD9735 WCDMA Carrier at 134.83 MHz, fDAC = 491.52 MSPS
RMS RESULTS
OFFSET FREQ
REF BW
dBc
dBm
dBc
dBm
CARRIER POWER
5.00MHz
3.840MHz
–71.07
–81.83
–71.23
–81.99
–10.76dBm/
10.0MHz
3.840MHz
–70.55
–81.31
–71.42
–82.19
3.84000MHz
15.0MHz
3.884MHz
–70.79
–81.56
–71.25
–82.01
LOWER
UPPER
PAVG
10 S2
CENTER 134.83MHz
#RES BW 30kHz
VBW 300kHz
#ATTEN 6dB
SPAN 33.88MHz
SWEEP 109.9ms (601pts)
REF –22.75dBm
#AVG
LOG 10dB/
Figure 67. AD9734 WCDMA Carrier at 134.83 MHz, fDAC = 491.52 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com