Electronic Components Datasheet Search
  English  ▼

X  

AD9734-EB Datasheet(PDF) 6 Page - Analog Devices

Part # AD9734-EB
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9734-EB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9734-EB Datasheet HTML 2Page - Analog Devices AD9734-EB Datasheet HTML 3Page - Analog Devices AD9734-EB Datasheet HTML 4Page - Analog Devices AD9734-EB Datasheet HTML 5Page - Analog Devices AD9734-EB Datasheet HTML 6Page - Analog Devices AD9734-EB Datasheet HTML 7Page - Analog Devices AD9734-EB Datasheet HTML 8Page - Analog Devices AD9734-EB Datasheet HTML 9Page - Analog Devices AD9734-EB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 6 of 72
DIGITAL SPECIFICATIONS
AVDD33 = DVDD33 = 3.3 V, CVDD18 = DVDD18 = 1.8 V, maximum sample rate, IFS = 20 mA, 1× mode, 25 Ω, 1% balanced load,
unless otherwise noted. LVDS drivers and receivers are compliant to the IEEE-1596 reduced range link, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
LVDS DATA INPUT
(DB[13:0]+, DB[13:0]−) DB+ = VIA, DB− = VIB
Input Voltage Range, VIA or VIB
825
1575
mV
Input Differential Threshold, VIDTH
−100
+100
mV
Input Differential Hysteresis, VIDTHH − VIDTHL
20
mV
Receiver Differential Input Impedance, RIN
80
120
Ω
LVDS Input Rate
1200
MSPS
LVDS Minimum Data Valid Period (tMDE)
344
ps
LVDS CLOCK INPUT
(DATACLK_IN+, DATACLK_IN−) DATACLK_IN+ = VIA, DATACLK_IN− = VIB
Input Voltage Range, VIA or VIB
825
1575
mV
Input Differential Threshold,1 VIDTH
−100
+100
mV
Input Differential Hysteresis, VIDTHH − VIDTHL
20
mV
Receiver Differential Input Impedance, RIN
80
120
Ω
Maximum Clock Rate
600
MHz
LVDS CLOCK OUTPUT
(DATACLK_OUT+, DATACLK_ OUT−) DATACLK_OUT+ = Voa, DATACLK_OUT− = Vob 100 Ω Termination
Output Voltage High, VOA or VOB
1375
mV
Output Voltage Low, VOA or VOB
1025
mV
Output Differential Voltage, |VOD|
150
200
250
mV
Output Offset Voltage, VOS
1150
1250
mV
Output Impedance, Single-Ended, RO
80
100
120
Ω
RO Mismatch Between A and B,
ΔRO
10
%
Change in |VOD| Between 0 and 1, |
ΔVOD|
25
mV
Change in VOS Between 0 and 1,
ΔVOS
25
mV
Output Current—Driver Shorted to Ground, ISA, ISB
20
mA
Output Current—Drivers Shorted Together, ISAB
4
mA
Power-Off Output Leakage, |IXA|, |IXB|
10
mA
Maximum Clock Rate
600
MHz
DAC CLOCK INPUT (CLK+, CLK−)
Input Voltage Range, CLK− or CLK+
0
800
Differential Peak-to-Peak Voltage
400
800
1600
mV
Common-Mode Voltage
300
400
500
mV
Maximum Clock Rate
1200
MHz
SERIAL PERIPHERAL INTERFACE
Maximum Clock Rate (fSCLK, 1/tSCLK)
20
MHz
Minimum Pulse Width High, tPWH
20
ns
Minimum Pulse Width Low, tPWL
20
ns
Minimum SDIO and CSB to SCLK Setup, tDS
10
ns
Minimum SCLK to SDIO Hold, tDH
5
ns
Maximum SCLK to Valid SDIO and SDO, tDV
20
ns
Minimum SCLK to Invalid SDIO and SDO, tDNV
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com