Electronic Components Datasheet Search
  English  ▼

X  

AD9734-EB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9734-EB
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9734-EB Datasheet(HTML) 1 Page - Analog Devices

  AD9734-EB Datasheet HTML 1Page - Analog Devices AD9734-EB Datasheet HTML 2Page - Analog Devices AD9734-EB Datasheet HTML 3Page - Analog Devices AD9734-EB Datasheet HTML 4Page - Analog Devices AD9734-EB Datasheet HTML 5Page - Analog Devices AD9734-EB Datasheet HTML 6Page - Analog Devices AD9734-EB Datasheet HTML 7Page - Analog Devices AD9734-EB Datasheet HTML 8Page - Analog Devices AD9734-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
10-/12-/14-Bit, 1200 MSPS DACS
AD9734/AD9735/AD9736
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Pin-compatible family
Excellent dynamic performance
AD9736: SFDR = 82 dBc at fOUT = 30 MHz
AD9736: SFDR = 69 dBc at fOUT = 130 MHz
AD9736: IMD = 87 dBc at fOUT = 30 MHz
AD9736: IMD = 82 dBc at fOUT = 130 MHz
LVDS data interface with on-chip 100 Ω terminations
Built-in self test
LVDS sampling integrity
LVDS-to-DAC data transfer integrity
Low power: 380 mW (IFS = 20 mA; fOUT = 330 MHz)
1.8/3.3 V dual-supply operation
Adjustable analog output
8.66 mA to 31.66 mA (RL = 25 Ω to 50 Ω)
On-chip 1.2 V reference
160-lead chip scale ball grid array (CSP_BGA) package
APPLICATIONS
Broadband communications systems
Cellular infrastructure (digital predistortion)
Point-to-point wireless
CMTS/VOD
Instrumentation, automatic test equipment
Radar, avionics
GENERAL DESCRIPTION
The AD9736, AD9735, and AD9734 are high performance, high
frequency DACs that provide sample rates of up to 1200 MSPS,
permitting multicarrier generation up to their Nyquist
frequency. The AD9736 is the 14-bit member of the family,
while the AD9735 and the AD9734 are the 12-bit and 10-bit
members, respectively. They include a serial peripheral interface
(SPI) port that provides for programming of many internal
parameters and enables readback of status registers.
A reduced-specification LVDS interface is utilized to achieve
the high sample rate. The output current can be programmed
over a range of 8.66 mA to 31.66 mA. The AD973x family is
manufactured on a 0.18 μm CMOS process and operates from
1.8 V and 3.3 V supplies for a total power consumption of
380 mW in bypass mode. It is supplied in a 160-lead chip scale
ball grid array for reduced package parasitics.
FUNCTIONAL BLOCK DIAGRAM
BAND GAP
DATACLK_IN+
DATACLK_IN–
DB[13:0]–
DB[13:0]+
SPI
14-, 12-,
10-BIT DAC
CORE
IOUTA
IOUTB
SDO
SDIO
SCLK
CSB
CONTROLLER
REFERENCE
CURRENT
DACCLK–
IRQ
DACCLK+
I120
VREF
RESET
DATACLK_OUT+
DATACLK_OUT–
S1 S2 S3
C1
C2
C3
C2
C1S1
S3
S2
C3
2×
CLOCK
DISTRIBUTION
Figure 1.
PRODUCT HIGHLIGHTS
1.
Low noise and intermodulation distortion (IMD) features
enable high quality synthesis of wideband signals at inter-
mediate frequencies up to 600 MHz.
2.
Double data rate (DDR) LVDS data receivers support the
maximum conversion rate of 1200 MSPS.
3.
Direct pin programmability of basic functions or SPI port
access offers complete control of all AD973x family
functions.
4.
Manufactured on a CMOS process, the AD973x family
uses a proprietary switching technique that enhances
dynamic performance.
5.
The current output(s) of the AD9736 family are easily con-
figured for single-ended or differential circuit topologies.


Similar Part No. - AD9734-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9734-DPG2-EBZ AD-AD9734-DPG2-EBZ Datasheet
1Mb / 72P
1200 MSPS DACS
6/2017-Rev. A to Rev. B
More results

Similar Description - AD9734-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9734 AD-AD9734 Datasheet
934Kb / 42P
14/12/10-Bit, 1200 MSPS D/A Converters
AD9780 AD-AD9780 Datasheet
1Mb / 36P
Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. A
AD9734 AD-AD9734_15 Datasheet
1Mb / 72P
10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9735 AD-AD9735_15 Datasheet
1Mb / 72P
10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9736 AD-AD9736_15 Datasheet
1Mb / 72P
10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9780 AD-AD9780_15 Datasheet
937Kb / 32P
Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
AD9781 AD-AD9781_15 Datasheet
937Kb / 32P
Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
AD9783 AD-AD9783_15 Datasheet
937Kb / 32P
Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
logo
Linear Technology
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
16-/14-/12-Bit VOUT DACs
logo
Analog Devices
AD9734 AD-AD9734_17 Datasheet
1Mb / 72P
1200 MSPS DACS
6/2017-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com