Electronic Components Datasheet Search
  English  ▼

X  

AD9734-EB Datasheet(PDF) 24 Page - Analog Devices

Part # AD9734-EB
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9734-EB Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9734-EB Datasheet HTML 20Page - Analog Devices AD9734-EB Datasheet HTML 21Page - Analog Devices AD9734-EB Datasheet HTML 22Page - Analog Devices AD9734-EB Datasheet HTML 23Page - Analog Devices AD9734-EB Datasheet HTML 24Page - Analog Devices AD9734-EB Datasheet HTML 25Page - Analog Devices AD9734-EB Datasheet HTML 26Page - Analog Devices AD9734-EB Datasheet HTML 27Page - Analog Devices AD9734-EB Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 24 of 72
AD9736 DYNAMIC PERFORMANCE, 20 mA FULL SCALE
800MSPS
1GSPS
1.2GSPS
fOUT (MHz)
600
0
50
100 150 200 250 300 350 400 450 500 550
80
75
70
65
60
55
50
Figure 41. AD9736 SFDR vs. fOUT over fDAC at 25°C
fOUT (MHz)
600
0
50
100 150 200 250 300 350 400 450 500 550
80
75
70
65
60
55
50
+85°C
+25°C
–40°C
Figure 42. AD9736 SFDR vs. fOUT over Temperature
550
0
50
100 150 200 250 300 350 400 450 500
76
78
72
74
70
68
66
64
62
60
56
54
58
52
fOUT (MHz)
Figure 43. AD9736 SFDR vs. fOUT over 50 Parts, 25°C, 1.2 GSPS
550
0
50
100 150 200 250 300 350 400 450 500
92
86
88
90
82
80
84
78
76
74
70
72
66
68
62
60
64
58
fOUT (MHz)
Figure 44. AD9736 IMD vs. fOUT over 50 Parts, 25°C,1.2 GSPS
fOUT (MHz)
600
0
100
200
300
400
500
90
85
80
75
70
65
60
55
50
800MSPS
1GSPS
1.2GSPS
Figure 45. AD9736 IMD vs. fOUT over fDAC at 25°C
fOUT (MHz)
600
0
100
200
300
400
500
90
85
80
75
70
65
60
55
50
+85°C
+25°C
–40°C
Figure 46. AD9736 IMD vs. fOUT over Temperature, 1.2 GSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com