Electronic Components Datasheet Search
  English  ▼

X  

AD9734-EB Datasheet(PDF) 30 Page - Analog Devices

Part # AD9734-EB
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9734-EB Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9734-EB Datasheet HTML 26Page - Analog Devices AD9734-EB Datasheet HTML 27Page - Analog Devices AD9734-EB Datasheet HTML 28Page - Analog Devices AD9734-EB Datasheet HTML 29Page - Analog Devices AD9734-EB Datasheet HTML 30Page - Analog Devices AD9734-EB Datasheet HTML 31Page - Analog Devices AD9734-EB Datasheet HTML 32Page - Analog Devices AD9734-EB Datasheet HTML 33Page - Analog Devices AD9734-EB Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 30 of 72
SPI REGISTER DETAILS
Reading these registers returns previously written values for all defined register bits, unless otherwise noted. Reset value for write registers
in bold text.
MODE REGISTER (REG. 0)
ADDR
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00
MODE
SDIO_DIR
LSB/MSB
RESET
LONG_INS
2× MODE
FIFO MODE
DATAFRMT
PD
Table 10. Mode Register Bit Descriptions
Bit Name
Read/Write
Description
SDIO_DIR
WRITE
0, input only per SPI standard.
1, bidirectional per SPI standard.
LSB/MSB
WRITE
0, MSB first per SPI standard.
1, LSB first per SPI standard.
NOTE: Only change LSB/MSB order in single-byte instructions to avoid erratic behavior due to bit
order errors.
RESET
WRITE
0, execute software reset of SPI and controllers, reload default register values except Registers 0x00
and 0x04.
1, set software reset, write 0 on the next (or any following) cycle to release the reset.
LONG_INS
WRITE
0, short (single-byte) instruction word.
1, long (two-byte) instruction word, not necessary since the maximum internal address is REG31
(0x1F).
2×_MODE
WRITE
0, disable 2× interpolation filter.
1, enable 2× interpolation filter.
FIFO_MODE
WRITE
0, disable FIFO synchronization.
1, enable FIFO synchronization.
DATAFRMT
WRITE
0, signed input DATA with midscale = 0x0000.
1, unsigned input DATA with midscale = 0x2000.
PD
WRITE
0, enable LVDS Receiver, DAC, and clock circuitry.
1, power down LVDS Receiver, DAC, and clock circuitry.
INTERRUPT REQUEST REGISTER (IRQ) (REG. 1)
ADDR
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x01
IRQ
LVDS
SYNC
CROSS
RESERVED
IE_LVDS
IE_SYNC
IE_CROSS
RESERVED
Table 11. Interrupt Register Bit Descriptions
Bit Name
Read/Write
Description
LVDS
WRITE
Don’t care.
READ
0, no active LVDS receiver interrupt.
1, interrupt in LVDS receiver occurred.
SYNC
WRITE
Don’t care.
READ
0, no active SYNC logic interrupt.
1, interrupt in SYNC logic occurred.
CROSS
WRITE
Don’t care.
READ
0, no active CROSS logic interrupt.
1, interrupt in CROSS logic occurred.
IE_LVDS
WRITE
0, reset LVDS receiver interrupt and disable future LVDS receiver interrupts.
1, enable LVDS receiver interrupt to activate IRQ pin.
IE_SYNC
WRITE
0, reset SYNC logic interrupt and disable future SYNC logic interrupts.
1, enable SYNC logic interrupt to activate IRQ pin.
IE_CROSS
WRITE
0, reset CROSS logic interrupt and disable future CROSS logic interrupts.
1, enable CROSS logic interrupt to activate IRQ pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com