Electronic Components Datasheet Search
  English  ▼

X  

AD9734-EB Datasheet(PDF) 41 Page - Analog Devices

Part # AD9734-EB
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9734-EB Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9734-EB Datasheet HTML 37Page - Analog Devices AD9734-EB Datasheet HTML 38Page - Analog Devices AD9734-EB Datasheet HTML 39Page - Analog Devices AD9734-EB Datasheet HTML 40Page - Analog Devices AD9734-EB Datasheet HTML 41Page - Analog Devices AD9734-EB Datasheet HTML 42Page - Analog Devices AD9734-EB Datasheet HTML 43Page - Analog Devices AD9734-EB Datasheet HTML 44Page - Analog Devices AD9734-EB Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 41 of 72
To find the leading edge of the data cycle, increment the
measured setup delay until the check bit goes low. To find the
trailing edge, increment the measured hold delay (MHD) until
check goes low. Always set MHD = 0 when incrementing MSD
and vice versa.
The incremental units of SD, MSD, and MHD are in units of real
time, not fractions of a clock cycle. The nominal step size is 80 ps.
OPERATING THE LVDS CONTROLLER IN
MANUAL MODE VIA THE SPI PORT
The manual operation of the LVDS controller allows the user to
step through both the setup and hold delays to calculate the
optimal sampling delay (that is, the center of the data eye).
With SD<3:0> and MHD<3:0> set to 0, increment the setup time
delay (MSD<3:0>, Reg. 4, Bits 7:4) until the check bit (Reg. 5,
Bit 0) goes low and record this value. This locates the leading
DATACLK_IN (and data) transition, as shown in Figure 80.
With SD<3:0> and MSD<3:0> set to 0, increment the hold time
delay (MHD<3:0>, Reg. 4, Bits 3:0) until the check bit (Reg. 5,
Bit 0) goes low and record this value. This locates the trailing
DATACLK_IN (and DB<13:0>) transition, as shown in Figure
81.
Once both DATACLK_IN edges are located, the sample delay
(SD<3:0>, Reg. 5, Bits 7:4) must be updated by
Sample Delay = (MHD − MSD)/2
After updating SD<3:0>, verify that the sampling signal is in the
middle of the valid data window by adjusting both MHD and
MSD with the new sample delay until the check bit goes low.
The new MHD and MSD values should be equal to or within
one unit delay if SD<3:0> was set correctly.
MHD and MSD may not be equal to or within one unit delay if
the external clock jitter and noise exceeds the internal delay
resolution. Differences of 2, 3, or more are possible and can
require more filtering to provide stable operation.
The sample delay calibration should be performed prior to
enabling surveillance mode or auto mode.
SETUP TIME (
tS)
SAMPLE DELAY
MSD<3:0> = 0 1 2 3 4 5
CSS SAMPLE DCS
CHECK = 1
SD<3:0>
DB<13:0>
DATACLK_IN
CSS WITH
MHD<3:0> = 0
DSC DELAYED
BY MSD<3:0>
Figure 80. Setup Delay Measurement
SETUP TIME (
tS)
HOLD TIME (
tH)
SAMPLE DELAY
CSS SAMPLE DCS
CHECK = 1 1 1 1 1 0
CHECK = 1
SD<3:0>
MSD<3:0> = 0 1 2 3 4 5
DB<13:0>
DATACLK_IN
CSS WITH
MHD<3:0> = 0
DSC DELAYED
BY MSD<3:0> = 0
Figure 81. Hold Delay Measurement
OPERATING THE LVDS CONTROLLER IN
SURVEILLANCE AND AUTO MODE
In surveillance mode, the controller searches for the edges of
the data eye in the same manner as in the manual mode of
operation and triggers an interrupt if the clock sampling signal
(CSS) has moved more than the threshold value set by
LTRH<1:0> (Reg. 6, Bits 1:0).
There is an internal filter that averages the setup and hold time
measurements to filter out noise and glitches on the clock lines.
Average Value = (MHD – MSD)/2
New Average = Average Value + (Δ Average/2 ^ LFLT<3:0>)
If an accumulating error in the average value causes it to exceed
the threshold value (LTHR<1:0>), an interrupt is issued.
The maximum allowable value for LFLT<3:0> is 12. If
LFLT<3:0> is too small, clock jitter and noise can cause erratic
behavior. In most cases, LFLT can be set to the maximum value.
In surveillance mode, the ideal sampling point should first be
found using manual mode and then applied to the sample delay
registers. Set the threshold and filter values depending on how
far the CSS signal is allowed to drift before an interrupt occurs.
Then, set the surveillance bit high (Reg. 6, Bit 7) and monitor
the interrupt signal either via the SPI port (Reg. 1, Bit 7) or the
IRQ pin.
In auto mode, follow the same steps to set up the sample delay,
threshold, and filter length. To run the controller in auto mode,
both the LAUTO (Reg. 6, Bit 6) and LSURV (Reg. 6, Bit 7) bits
need to be set to 1. In auto mode, the LVDS interrupt should be
set low (Reg. 1, Bit 3) to allow the sample delay to be automati-
cally updated if the threshold value is exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com