Electronic Components Datasheet Search
  English  ▼

X  

AD9734-EB Datasheet(PDF) 4 Page - Analog Devices

Part # AD9734-EB
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9734-EB Datasheet(HTML) 4 Page - Analog Devices

  AD9734-EB Datasheet HTML 1Page - Analog Devices AD9734-EB Datasheet HTML 2Page - Analog Devices AD9734-EB Datasheet HTML 3Page - Analog Devices AD9734-EB Datasheet HTML 4Page - Analog Devices AD9734-EB Datasheet HTML 5Page - Analog Devices AD9734-EB Datasheet HTML 6Page - Analog Devices AD9734-EB Datasheet HTML 7Page - Analog Devices AD9734-EB Datasheet HTML 8Page - Analog Devices AD9734-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 4 of 72
SPECIFICATIONS
DC SPECIFICATIONS
AVDD33 = DVDD33 = 3.3 V, CVDD18 = DVDD18 = 1.8 V, maximum sample rate, IFS = 20 mA, 1× mode, 25 Ω, 1% balanced load,
unless otherwise noted.
Table 1.
AD9736
AD9735
AD9734
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
14
12
10
Bits
ACCURACY
Integral Nonlinearity (INL)
−5.6
±1.0
+5.6
−1.5
±0.50
+1.5
−0.5
±0.12
+0.5
LSB
Differential Nonlinearity (DNL)
−2.1
±0.6
+2.1
−0.5
±0.25
+0.5
−0.1
±0.06
+0.1
LSB
ANALOG OUTPUTS
Offset Error
−0.01
±0.005
+0.01
−0.01
±0.005
+0.01
−0.01
±0.005
+0.01
% FSR
Gain Error (With Internal
Reference)
±1.0
±1.0
±1.0
% FSR
Gain Error (Without Internal
Reference)
±1.0
±1.0
±1.0
% FSR
Full-Scale Output Current
8.66
20.2
31.66
8.66
20.2
31.66
8.66
20.2
31.66
mA
Output Compliance Range
−1.0
+1.0
−1.0
1.0
−1.0
+1.0
V
Output Resistance
10
10
10
MΩ
Output Capacitance
1
1
1
pF
TEMPERATURE DRIFT
Offset
0
0
0
ppm/°C
Gain
80
80
80
ppm/°C
Reference Voltage1
40
40
40
ppm/°C
REFERENCE
Internal Reference Voltage1
1.14
1.2
1.26
1.14
1.2
1.26
1.14
1.2
1.26
V
Output Resistance2
5
5
5
kΩ
ANALOG SUPPLY VOLTAGES
AVDD33
3.13
3.3
3.47
3.13
3.3
3.47
3.13
3.3
3.47
V
CVDD18
1.70
1.8
1.90
1.70
1.8
1.90
1.70
1.8
1.90
V
DIGITAL SUPPLY VOLTAGES
DVDD33
3.13
3.3
3.47
3.13
3.3
3.47
3.13
3.3
3.47
V
DVDD18
1.70
1.8
1.90
1.70
1.8
1.90
1.70
1.8
1.90
V
SUPPLY CURRENTS
1× Mode, 1.2 GSPS
IAVDD33
25
25
25
mA
ICVDD18
47
47
47
mA
IDVDD33
10
10
10
mA
IDVDD18
122
122
122
mA
FIR Bypass (1×) Mode
380
380
380
mW
2× Mode, 1.2 GSPS
IAVDD33
25
25
25
mA
ICVDD18
47
47
47
mA
IDVDD33
10
10
10
mA
IDVDD18
234
234
234
mA
FIR 2× Interpolation Filter
Enabled
550
550
550
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com