Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 145 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 145 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 141Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 142Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 143Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 144Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 145Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 146Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 147Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 148Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 149Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 298 page
background image
Rev. 1.90
144
�e���a�� 18� �01�
Rev. 1.90
145
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Enhanced Type TM – ETM
TheEnhancedTypeTMcontainsfiveoperatingmodes,whichareCompareMatchOutput,Timer/Event
Counter,CaptureInput,SinglePulseOutputandPWMOutputmodes.TheEnhancedTMcanalsobe
controlledwithanexternalinputpinandcandrivethreeorfourexternaloutputpins.
ETM
Name
TM No.
TM Input Pin
TM Output Pin
HT66��0
—
—
—
—
HT66��0
10-�it ETM
1
TCK1
TP1A; TP1B_0� TP1B_1
HT66�40
10-�it ETM
1
TCK1
TP1A� TP1B_0� TP1B_1� TP1B_�
HT66�50
10-�it ETM
1
TCK1
TP1A� TP1B_0� TP1B_1� TP1B_�
HT66�60
10-�it ETM
1
TCK1
TP1A� TP1B_0� TP1B_1� TP1B_�
CCR P
CCR A
Tn CCL R
Co m par at or P M at ch
Co m par at or A Ma tc h
Tn CK 2~ Tn CK 0
Tn ON
Tn PA U
b7~ b9
3- bi t Co m par at or P
10- bi t
Co m par at or A
Co unt er
Cl ear
10- bi t U p/ Do wn C ount er
Tn PF In te rru pt
Tn AF
In te rru pt
TP nA P in
I npu t/ Ou tp u t
b0~ b9
E dge
De te ct or
Tn AI O1 , Tn AI O0
Tn AM 1, T nA M0
Tn AI O1 , Tn AI O0
Tn AP OL
Tn AO C
Po la ri ty
C ont ro l
Ou tp u t
C ont ro l
TP nA
TC Kn
111
000
001
010
011
100
101
110
f SYS /4
f SYS
f H /1 6
f H /6 4
f TB C
Re se rv ed
Tn BF
In te rru pt
TP nB P in
I npu t/ Ou tp u t
Tn BM 1, T nB M0
Tn BI O1 , Tn BI O0
Tn BP OL
Tn BO C
Po la ri ty
C ont ro l
Ou tp u t
C ont ro l
CCR B
Co m par at or B Ma tc h
10- bi t
Co m par at or B
E dge
De te ct or
Tn BI O1 , Tn BI O0
TP nB -0
TP nB -1
TP nB -2
0
1
Enhanced Type TM Block Diagram (n=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com