Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 146 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 146 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 142Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 143Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 144Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 145Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 146Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 147Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 148Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 149Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 150Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 298 page
background image
Rev. 1.90
146
�e���a�� 18� �01�
Rev. 1.90
147
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Enhanced TM Operation
Atitscoreisa10-bitcount-up/count-downcounterwhichisdrivenbyauserselectableinternal
orexternalclocksource.Therearethreeinternalcomparatorswiththenames,ComparatorA,
ComparatorBandComparatorP.Thesecomparatorswillcomparethevalueinthecounterwiththe
CCRA,CCRBandCCRPregisters.TheCCRPcomparatoris3-bitswidewhosevalueiscompared
withthehighest3-bitsinthecounterwhileCCRAandCCRBare10-bitswideandtherefore
comparedwithallcounterbits.
Theonlywayofchangingthevalueofthe10-bitcounterusingtheapplicationprogram,isto
clearthecounterbychangingtheTnONbitfromlowtohigh.Thecounterwillalsobecleared
automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators.
Whentheseconditionsoccur,aTMinterruptsignalwillalsousuallybegenerated.TheEnhanced
TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock
sourcesincludinganinputpinandcanalsocontroloutputpins.Alloperatingsetupconditionsare
selectedusingrelevantinternalregisters.
Enhanced Type TM Register Description
OveralloperationoftheEnhancedTMiscontrolledusingaseriesofregisters.Areadonlyregister
pairexiststostoretheinternalcounter10-bitvalue,whiletworead/writeregisterpairsexisttostore
theinternal10-bitCCRAandCCRBvalue.Theremainingthreeregistersarecontrolregisterswhich
setupthedifferentoperatingandcontrolmodesaswellasthethreeCCRPbits.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TM1C0
T1PAU
T1CK�
T1CK1
T1CK0
T1ON
T1RP�
T1RP1
T1RP0
TM1C1
T1AM1
T1AM0
T1AIO1
T1AIO0
T1AOC
T1APOL
T1CDN
T1CCLR
TM1C�
T1BM1
T1BM0
T1BIO1
T1BIO0
T1BOC
T1BPOL T1PWM1 T1PWM0
TM1DL
D7
D6
D5
D4
D�
D�
D1
D0
TM1DH
—
—
—
—
—
—
D9
D8
TM1AL
D7
D6
D5
D4
D�
D�
D1
D0
TM1AH
—
—
—
—
—
—
D9
D8
TM1BL
D7
D6
D5
D4
D�
D�
D1
D0
TM1BH
—
—
—
—
—
—
D9
D8
10-bit Enhanced TM Register List (if ETM is TM1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com