Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 175 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 175 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 171Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 172Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 173Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 174Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 175Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 176Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 177Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 178Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 179Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 298 page
background image
Rev. 1.90
174
�e���a�� 18� �01�
Rev. 1.90
175
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
ACERL Register
Bit
7
6
5
4
3
2
1
0
Name
ACE7
ACE6
ACE5
ACE4
ACE�
ACE�
ACE1
ACE0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
Bit7
ACE7:DefinePA7isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN7
Bit6
ACE6:DefinePA6isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN6
Bit5
ACE5:DefinePA5isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN5
Bit4
ACE4:DefinePA4isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN4
Bit3
ACE3:DefinePA3isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN3
Bit2
ACE2:DefinePA2isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN2
Bit1
ACE1:DefinePA1isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN1
Bit0
ACE0:DefinePA0isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN0
ACERH Register
• HT66F60
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
ACE11
ACE10
ACE9
ACE8
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
1
1
1
1
Bit7~4
Unimplemented,readas“0”
Bit3
ACE11:DefinePF1isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN11
Bit2
ACE10:DefinePF0isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN10
Bit1
ACE9:DefinePE7isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN9
Bit0
ACE8:DefinePE6isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com