Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 176 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 176 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 172Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 173Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 174Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 175Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 176Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 177Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 178Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 179Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 180Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 298 page
background image
Rev. 1.90
176
�e���a�� 18� �01�
Rev. 1.90
177
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
A/D Operation
TheSTARTbitintheADCR0registerisusedtostartandresettheA/Dconverter.Whenthe
microcontrollersetsthisbitfromlowtohighandthenlowagain,ananalogtodigitalconversion
cyclewillbeinitiated.WhentheSTARTbitisbroughtfromlowtohighbutnotlowagain,theEOCB
bitintheADCR0registerwillbesethighandtheanalogtodigitalconverterwillbereset.Itisthe
STARTbitthatisusedtocontroltheoverallstartoperationoftheinternalanalogtodigitalconverter.
TheEOCBbitintheADCR0registerisusedtoindicatewhentheanalogtodigitalconversion
processiscomplete.Thisbitwillbeautomaticallysetto0bythemicrocontrollerafteraconversion
cyclehasended.Inaddition,thecorrespondingA/Dinterruptrequestflagwillbesetintheinterrupt
controlregister,andiftheinterruptsareenabled,anappropriateinternalinterruptsignalwillbe
generated.ThisA/DinternalinterruptsignalwilldirecttheprogramflowtotheassociatedA/D
internalinterruptaddressforprocessing.IftheA/Dinternalinterruptisdisabled,themicrocontroller
canbeusedtopolltheEOCBbitintheADCR0registertocheckwhetherithasbeenclearedasan
alternativemethodofdetectingtheendofanA/Dconversioncycle.
TheclocksourcefortheA/Dconverter,whichoriginatesfromthesystemclockfSYS,canbechosen
tobeeitherfSYSorasubdividedversionoffSYS.Thedivisionratiovalueisdeterminedbythe
ADCK2~ADCK0bitsintheADCR1register.
AlthoughtheA/DclocksourceisdeterminedbythesystemclockfSYS,andbybitsADCK2~ADCK0,
therearesomelimitationsonthemaximumA/Dclocksourcespeedthatcanbeselected.Asthe
minimumvalueofpermissibleA/Dclockperiod,tADCK,is0.5μs,caremustbetakenforsystemclock
frequenciesequaltoorgreaterthan4MHz.Forexample,ifthesystemclockoperatesatafrequency
of4MHz,theADCK2~ADCK0bitsshouldnotbesetto000.DoingsowillgiveA/Dclockperiods
thatarelessthantheminimumA/DclockperiodwhichmayresultininaccurateA/Dconversion
values.Refertothefollowingtableforexamples,wherevaluesmarkedwithanasterisk*show
where,dependinguponthedevice,specialcaremustbetaken,asthevaluesmaybelessthanthe
specifiedminimumA/DClockPeriod.
fSYS
A/D Clock Period (tADCK)
ADCK2,
ADCK1,
ADCK0
=000
(fSYS)
ADCK2,
ADCK1,
ADCK0
=001
(fSYS/2)
ADCK2,
ADCK1,
ADCK0
=010
(fSYS/4)
ADCK2,
ADCK1,
ADCK0
=011
(fSYS/8)
ADCK2,
ADCK1,
ADCK0
=100
(fSYS/16)
ADCK2,
ADCK1,
ADCK0
=101
(fSYS/32)
ADCK2,
ADCK1,
ADCK0
=110
(fSYS/64)
ADCK2,
ADCK1,
ADCK0
=111
1MHz
1μs
2μs
4μs
8μs
16μs
32μs
64μs
Undefined
�MHz
500ns
1μs
2μs
4μs
8μs
16μs
32μs
Undefined
4MHz
�50ns*
500ns
1μs
2μs
4μs
8μs
16μs
Undefined
8MHz
1�5ns*
�50ns*
500ns
1μs
2μs
4μs
8μs
Undefined
1�MHz
8�ns*
167ns*
���ns*
667ns
1.33μs
2.67μs
5.33μs
Undefined
A/D Clock Period Examples
Controllingthepoweron/offfunctionoftheA/Dconvertercircuitryisimplementedusingthe
ADOFFbitintheADCR0register.ThisbitmustbezerotopowerontheA/Dconverter.When
theADOFFbitisclearedtozerotopowerontheA/Dconverterinternalcircuitryacertaindelay,
asindicatedinthetimingdiagram,mustbeallowedbeforeanA/Dconversionisinitiated.Even
ifnopinsareselectedforuseasA/DinputsbyclearingtheACE11~ACE0bitsintheACERH
andACERLregisters,iftheADOFFbitiszerothensomepowerwillstillbeconsumed.Inpower
consciousapplicationsitisthereforerecommendedthattheADOFFissethightoreducepower
consumptionwhentheA/Dconverterfunctionisnotbeingused.
ThereferencevoltagesupplytotheA/DConvertercanbesuppliedfromeitherthepositivepower
supplypin,VDD,orfromanexternalreferencesourcessuppliedonpinVREF.Thedesiredselection
ismadeusingtheVREFSbit.AstheVREFpinispin-sharedwithotherfunctions,whentheVREFS
bitissethigh,theVREFpinfunctionwillbeselectedandtheotherpinfunctionswillbedisabled
automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com