Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 177 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 177 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 173Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 174Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 175Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 176Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 177Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 178Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 179Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 180Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 181Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 298 page
background image
Rev. 1.90
176
�e���a�� 18� �01�
Rev. 1.90
177
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
A/D Input Pins
AlloftheA/Danaloginputpinsarepin-sharedwiththeI/OpinsonPortA,PE6,PF7,PF0orPF1
aswellasotherfunctions.TheACE11~ACE0bitsintheACERHandACERLregisters,determine
whethertheinputpinsaresetupasA/Dconverteranaloginputsorwhethertheyhaveother
functions.IftheACE11~ACE0bitsforitscorrespondingpinissethighthenthepinwillbesetupto
beanA/Dconverterinputandtheoriginalpinfunctionsdisabled.Inthisway,pinscanbechanged
underprogramcontroltochangetheirfunctionbetweenA/Dinputsandotherfunctions.Allpull-
highresistors,whicharesetupthroughregisterprogramming,willbeautomaticallydisconnectedif
thepinsaresetupasA/Dinputs.NotethatitisnotnecessarytofirstsetuptheA/Dpinasaninputin
thePAC,PECorPFCportcontrolregistertoenabletheA/DinputaswhentheACE11~ACE0bits
enableanA/Dinput,thestatusoftheportcontrolregisterwillbeoverridden.
TheA/Dconverterhasitsownreferencevoltagepin,VREF,howeverthereferencevoltagecan
alsobesuppliedfromthepowersupplypin,achoicewhichismadethroughtheVREFSbitinthe
ADCR1register.TheanaloginputvaluesmustnotbeallowedtoexceedthevalueofVREF.
PA 0/ AN 0
PF 1/ AN 11
1. 25 V
V 125E N
Bu ffe r
PB 5/ VR EF
VD D
VR EF S
V RE F
12- bi t A DC
B andgap
Re fe r enc e
Vo lt age
I npu t V ol t age
AC S4 ~A CS 0
A/D Input Structure
Summary of A/D Conversion Steps
Thefollowingsummarisestheindividualstepsthatshouldbeexecutedinordertoimplementan
A/Dconversionprocess.
• Step1
SelecttherequiredA/DconversionclockbycorrectlyprogrammingbitsADCK2~ADCK0inthe
ADCR1register.
• Step2
EnabletheA/DbyclearingtheADOFFbitintheADCR0registertozero.
• Step3
SelectwhichchannelistobeconnectedtotheinternalA/Dconverterbycorrectlyprogramming
theACS4~ACS0bitswhicharealsocontainedintheADCR1andADCR0register.
• Step4
SelectwhichpinsaretobeusedasA/Dinputsandconfigurethembycorrectlyprogrammingthe
ACE11~ACE0bitsintheACERHandACERLregisters.
• Step5
Iftheinterruptsaretobeused,theinterruptcontrolregistersmustbecorrectlyconfiguredto
ensuretheA/Dconverterinterruptfunctionisactive.Themasterinterruptcontrolbit,EMI,and
theA/Dconverterinterruptbit,EADI,mustbothbesethightodothis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com