Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 193 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 193 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 189Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 190Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 191Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 192Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 193Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 194Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 195Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 196Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 197Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 298 page
background image
Rev. 1.90
19�
�e���a�� 18� �01�
Rev. 1.90
19�
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
I2C Interface
TheI2Cinterfaceisusedtocommunicatewithexternalperipheraldevicessuchassensors,
EEPROMmemoryetc.OriginallydevelopedbyPhilips,itisatwolinelowspeedserialinterface
forsynchronousserialdatatransfer.Theadvantageofonlytwolinesforcommunication,relatively
simplecommunicationprotocolandtheabilitytoaccommodatemultipledevicesonthesamebus
hasmadeitanextremelypopularinterfacetypeformanyapplications.
De vi ce
Sl av e
De vi ce
Ma st er
De vi ce
Sl av e
VD D
SD A
SC L
I2C Master Slave Bus Connection
I2C Interface Operation
TheI2Cserialinterfaceisatwolineinterface,aserialdataline,SDA,andserialclockline,SCL.As
manydevicesmaybeconnectedtogetheronthesamebus,theiroutputsarebothopendraintypes.
Forthisreasonitisnecessarythatexternalpull-highresistorsareconnectedtotheseoutputs.Note
thatnochipselectlineexists,aseachdeviceontheI2Cbusisidentifiedbyauniqueaddresswhich
willbetransmittedandreceivedontheI2Cbus.
WhentwodevicescommunicatewitheachotheronthebidirectionalI2Cbus,oneisknownasthe
masterdeviceandoneastheslavedevice.Bothmasterandslavecantransmitandreceivedata,
however,itisthemasterdevicethathasoverallcontrolofthebus.Forthesedevices,whichonly
operatesinslavemode,therearetwomethodsoftransferringdataontheI2Cbus,theslavetransmit
modeandtheslavereceivemode.
ThereareseveralconfigurationoptionsassociatedwiththeI2Cinterface.Oneoftheseistoenable
thefunctionwhichselectstheSIMpinsratherthannormalI/Opins.Notethatiftheconfiguration
optiondoesnotselecttheSIMfunctionthentheSIMENbitintheSIMC0registerwillhaveno
effect.AconfigurationoptiondeterminesthedebouncetimeoftheI2Cinterface.Thisusesthe
systemclocktoineffectaddadebouncetimetotheexternalclocktoreducethepossibilityof
glitchesontheclocklinecausingerroneousoperation.Thedebouncetime,ifselected,canbe
chosentobeeither2or4systemclocks.ToachievetherequiredI2Cdatatransferspeed,there
existsarelationshipbetweenthesystemclock,fSYS,andtheI2Cdebouncetime.ForeithertheI2C
StandardorFastmodeoperation,usersmusttakecareoftheselectedsystemclockfrequencyand
theconfigureddebouncetimetomatchthecriterionshowninthefollowingtable.
I2C Debounce Time Selection
I2C Standard Mode (100kHz)
I2C Fast Mode (400kHz)
No de�o�nce
fSYS > �MHz
fSYS > 5MHz
� s�stem clock de�o�nce
fSYS > 4MHz
fSYS > 10MHz
4 s�stem clock de�o�nce
fSYS > 8MHz
fSYS > �0MHz
I2C Minimum fSYS Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com