Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 198 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 198 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 194Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 195Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 196Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 197Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 198Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 199Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 200Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 201Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 202Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 298 page
background image
Rev. 1.90
198
�e���a�� 18� �01�
Rev. 1.90
199
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
I 2 C Da ta R eg is te r
(S IM D)
Sl av e Ad dr e ss Re gi st er
(S IM A)
Sh i ft R egi st er
Di re ct i on Co nt ro l
M
U
X
A ddr e ss Ma tc h
HA AS B it
I 2 C In te rr up t
Da ta i n LS B
Da ta O ut M SB
Tr ans mi t/R ec ei ve
C ont ro l Un it
8- bi t D at a Co mp le te
De te c t S ta rt o r St op
Da ta B us
A ddr es s
Co mp ar at or
E nabl e/ Di s abl e A ck now le dge
R ead/ wr it e Sl av e
SR W Bi t
HB B Bi t
HT X Bi t
HC F Bi t
De b ounc e
Ci rc ui tr y
SC L Pi n
SD A Pi n
C onf i gur at io n
Op ti on s
I2C Block Diagram
I2C Bus Communication
CommunicationontheI2Cbusrequiresfourseparatesteps,aSTARTsignal,aslavedeviceaddress
transmission,adatatransmissionandfinallyaSTOPsignal.WhenaSTARTsignalisplacedon
theI2Cbus,alldevicesonthebuswillreceivethissignalandbenotifiedoftheimminentarrivalof
dataonthebus.Thefirstsevenbitsofthedatawillbetheslaveaddresswiththefirstbitbeingthe
MSB.Iftheaddressoftheslavedevicematchesthatofthetransmittedaddress,theHAASbitinthe
SIMC1registerwillbesetandanI2Cinterruptwillbegenerated.Afterenteringtheinterruptservice
routine,theslavedevicemustfirstchecktheconditionoftheHAASbittodeterminewhetherthe
interruptsourceoriginatesfromanaddressmatchorfromthecompletionofan8-bitdatatransfer.
Duringadatatransfer,notethatafterthe7-bitslaveaddresshasbeentransmitted,thefollowingbit,
whichisthe8thbit,istheread/writebitwhosevaluewillbeplacedintheSRWbit.Thisbitwillbe
checkedbytheslavedevicetodeterminewhethertogointotransmitorreceivemode.Beforeany
transferofdatatoorfromtheI2Cbus,themicrocontrollermustinitialisethebus,thefollowingare
stepstoachievethis:
• Step1
SettheSIM2~SIM0andSIMENbitsintheSIMC0registerto“1”toenabletheI2Cbus.
• Step2
WritetheslaveaddressofthedevicetotheI2CbusaddressregisterSIMA.
• Step3
SettheSIMEandSIMMuti-Functioninterruptenablebitoftheinterruptcontrolregisterto
enabletheSIMinterruptandMulti-functioninterrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com