Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 199 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 199 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 195Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 196Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 197Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 198Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 199Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 200Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 201Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 202Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 203Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 298 page
background image
Rev. 1.90
198
�e���a�� 18� �01�
Rev. 1.90
199
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
St ar t
Wr it e Sl av e
A ddr e ss to S IM A
SE T SI M[ 2: 0] =1 10
SE T SI ME N
I 2 C Bu s
In te rr up t= ?
Ye s
No
SE T SI ME a nd MF nE
Wa it f or In te rr upt
Go to M ai n Pr og ra m
CL R SI ME
Po ll S IM F to d ec i de
wh en t o go t o I 2 C Bu s IS R
Go to M ai n Pr og ra m
I2C Bus Initialisation Flow Chart
I2C Bus Start Signal
TheSTARTsignalcanonlybegeneratedbythemasterdeviceconnectedtotheI2Cbusandnotby
theslavedevice.ThisSTARTsignalwillbedetectedbyalldevicesconnectedtotheI2Cbus.When
detected,thisindicatesthattheI2CbusisbusyandthereforetheHBBbitwillbeset.ASTART
conditionoccurswhenahightolowtransitionontheSDAlinetakesplacewhentheSCLline
remainshigh.
Slave Address
ThetransmissionofaSTARTsignalbythemasterwillbedetectedbyalldevicesontheI2Cbus.
Todeterminewhichslavedevicethemasterwishestocommunicatewith,theaddressoftheslave
devicewillbesentoutimmediatelyfollowingtheSTARTsignal.Allslavedevices,afterreceiving
this7-bitaddressdata,willcompareitwiththeirown7-bitslaveaddress.Iftheaddresssentoutby
themastermatchestheinternaladdressofthemicrocontrollerslavedevice,thenaninternalI2Cbus
interruptsignalwillbegenerated.Thenextbitfollowingtheaddress,whichisthe8thbit,defines
theread/writestatusandwillbesavedtotheSRWbitoftheSIMC1register.Theslavedevicewill
thentransmitanacknowledgebit,whichisalowlevel,asthe9thbit.Theslavedevicewillalsoset
thestatusflagHAASwhentheaddressesmatch.
AsanI2Cbusinterruptcancomefromtwosources,whentheprogramenterstheinterrupt
subroutine,theHAASbitshouldbeexaminedtoseewhethertheinterruptsourcehascomefrom
amatchingslaveaddressorfromthecompletionofadatabytetransfer.Whenaslaveaddressis
matched,thedevicemustbeplacedineitherthetransmitmodeandthenwritedatatotheSIMD
register,orinthereceivemodewhereitmustimplementadummyreadfromtheSIMDregisterto
releasetheSCLline.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com