Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 203 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 203 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 199Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 200Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 201Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 202Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 203Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 204Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 205Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 206Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 207Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 298 page
background image
Rev. 1.90
�0�
�e���a�� 18� �01�
Rev. 1.90
�0�
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Interrupts
Interruptsareanimportantpartofanymicrocontrollersystem.Whenanexternaleventoran
internalfunctionsuchasaTimerModuleoranA/Dconverterrequiresmicrocontrollerattention,
theircorrespondinginterruptwillenforceatemporarysuspensionofthemainprogramallowingthe
microcontrollertodirectattentiontotheirrespectiveneeds.Thedevicecontainsseveralexternal
interruptandinternalinterruptsfunctions.Theexternalinterruptsaregeneratedbytheactionofthe
externalINT0~INT3andPINTpins,whiletheinternalinterruptsaregeneratedbyvariousinternal
functionssuchastheTMs,Comparators,TimeBase,LVD,EEPROM,SIMandtheA/Dconverter.
Interrupt Registers
Overallinterruptcontrol,whichbasicallymeansthesettingofrequestflagswhencertain
microcontrollerconditionsoccurandthesettingofinterruptenablebitsbytheapplicationprogram,
iscontrolledbyaseriesofregisters,locatedintheSpecialPurposeDataMemory,asshowninthe
accompanyingtable.Thenumberofregistersdependsuponthedevicechosenbutfallintothree
categories.ThefirstistheINTC0~INTC3registerswhichsetuptheprimaryinterrupts,thesecond
istheMFI0~MFI3registerswhichsetuptheMulti-functioninterrupts.FinallythereisanINTEG
registertosetuptheexternalinterrupttriggeredgetype.
Eachregistercontainsanumberofenablebitstoenableordisableindividualregistersaswellas
interruptflagstoindicatethepresenceofaninterruptrequest.Thenamingconventionofthese
followsaspecificpattern.Firstislistedanabbreviatedinterrupttype,thenthe(optional)numberof
thatinterruptfollowedbyeitheran"E"forenable/disablebitor"F"forrequestflag.
Function
Enable Bit
Request Flag
Notes
Glo�al
EMI
—
—
Compa�ato�
CPnE
CPn�
n=0 o� 1
INTn Pin
INTnE
INTn�
n=0~�
A/D Conve�te�
ADE
AD�
—
M�lti-f�nction
M�nE
M�n�
n=0~5
Time Base
TBnE
TBn�
n=0 o� 1
SIM
SIME
SIM�
—
LVD
LVE
LV�
—
EEPROM
DEE
DE�
—
PINT Pin
XPE
XP�
—
TM
TnPE
TnP�
n=0~�
TnAE
TnA�
TnBE
TnB�
Interrupt Register Bit Naming Conventions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com