Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 201 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 201 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 197Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 198Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 199Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 200Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 201Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 202Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 203Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 204Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 205Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 298 page
background image
Rev. 1.90
�00
�e���a�� 18� �01�
Rev. 1.90
�01
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Da ta
10
1
00
1
0
0
1
0
01010
1
1
S= St ar t (1 b it )
SA =S la ve A dd re ss (7 b it s)
SR =S RW b i t ( 1 bi t)
M= Sl av e dev ic e s end a ck now l edge bi t (1 b it )
D= Da ta ( 8 bi ts )
A= AC K ( RX AK b i t f or tr ans mi tte r, T XAK b i t f or r ec ei ve r 1 bi t)
P= St op (1 b it )
SC L
St ar t
SD A
SR W
AC K
AC K
St op
SC L
SD A
Sl av e Ad dr es s
SS AS R
MD
A
DA
SS AS R
MD
A
DA
P
Note:*Whenaslaveaddressismatched,thedevicesmustbeplacedineitherthetransmitmode
andthenwritedatatotheSIMDregister,orinthereceivemodewhereitmustimplementa
dummyreadfromtheSIMDregistertoreleasetheSCLline.
I2C Communication Timing Diagram
St ar t
HA AS= 1
?
HT X= 1
?
SR W= 1
?
Ye s
No
Ye s
No
R XAK =1
?
Ye s
No
No
R ead fr om
SI MD t o re l eas e
SC L lin e
RE TI
Ye s
Du mm y r ead fr om
SI MD t o re l eas e
SC L Li ne
RE TI
RE TI
Wr it e dat a to S IM D
re l eas e SC L Li ne
SE T HT X
Wr it e dat a to S IM D
to r el eas e SC L Li ne
RE TI
CL R HT X
CL R T XAK
Du mm y r ead fr om
SI MD t o re l eas e
SC L Li ne
CL R HT X
CL R TX AK
RE TI
I2C Bus ISR flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com