Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 239 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 239 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 235Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 236Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 237Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 238Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 239Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 240Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 241Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 242Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 243Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 298 page
background image
Rev. 1.90
��8
�e���a�� 18� �01�
Rev. 1.90
��9
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
UART Module Pin Description
Pin Name
I/O
Description
RX
I
Exte�nal UART RX se�ial data inp�t pin
If UARTEN=1 and RXEN=1� then RX is the UART se�ial data inp�t
If UARTEN=0 o� RXEN=0� then RX is high impedance
TX
O
Exte�nal UART TX se�ial data o�tp�t pin
If UARTEN=1 and TXEN=1� then TX is the UART se�ial data o�tp�t
If UARTEN=0 o� TXEN=0� then TX is high impedance
SDI
I
Inte�nal Slave SPI Se�ial Data In Inp�t Signal
Inte�nall� connected to the MCU Maste� SPI SDO o�tp�t signal
SDO
O
Inte�nal Slave SPI Se�ial Data O�t O�tp�t Signal
Inte�nall� connected to the MCU Maste� SPI SDI inp�t signal
SCK
I
Inte�nal Slave SPI Se�ial Clock Inp�t Signal
Inte�nall� connected to the MCU Maste� SPI SCK o�tp�t signal
SCS
I
Inte�nal Slave SPI Device Select Inp�t Signal
Inte�nall� connected to the MCU Maste� SPI SCS o�tp�t signal -- connected to p�ll high �esisto�
CLKI
I
Inte�nal Clock Inp�t Signal
Inte�nall� connected to the MCU Maste� PCK o�tp�t signal
INT
O
Inte�nal UART Inte���pt O�tp�t Signal
Inte�nall� connected to the MCU Maste� PINT inp�t signal
A UART �elated inte���pt will gene�ate a low p�lse signal on this line
NC
—
Implies that the pin is Not Connected and can the�efo�e not �e �sed.
Notes:ThepindescriptionforallpinswiththeexceptionoftheUARTTXandRXpinsaredescribedinthe
precedingMCUsection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com