Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 240 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 240 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 236Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 237Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 238Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 239Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 240Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 241Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 242Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 243Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 244Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 298 page
background image
Rev. 1.90
�40
�e���a�� 18� �01�
Rev. 1.90
�41
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
UART Module D.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IDD1
Ope�ating C���ent *
(SPI Ena�led� UART disa�led)
�.0V f
CLKI
=1�MHz� SCK=fCLKI/4�
O�tp�t no load
—
—
1.0
mA
5.0V f
CLKI
=16MHz� SCK=fCLKI/4�
O�tp�t no load
—
—
�.0
mA
IDD�
Ope�ating C���ent *
(SPI ena�led� UART ena�led)
�.�V f
CLKI
=6MHz� SCK=fCLKI/4�
O�tp�t no load
—
—
4.�
mA
5.0V f
CLKI
=1�MHz� SCK=fCLKI/4�
O�tp�t no load
—
—
4.8
mA
ISTB
Stand�� C���ent *
(SPI disa�led� UART disa�led)
5.0V
fCLKI=16MHz� SCK=fCLKI/4�
SCS=VDD� UARTEN=0�
TXEN=1� RXEN=1� SDI=H�
RX=H� O�tp�t no load
—
—
0.6
μA
VIL
Inp�t Low Voltage fo� RX Po�ts
—
—
0
—
0.�VDD
V
VIH
Inp�t High Voltage fo� RX Po�ts
—
—
0.7VDD
—
VDD
V
IOL
TX Po�t Sink C���ent
�.0V
VO=0.1VDD
�.5
5.0
—
mA
5.0V
10.0
�5.0
—
mA
IOH
RX Po�t So��ce C���ent
�.0V
VO=0.9VDD
-1.5
-�.0
—
mA
5.0V
-5.0
-8.0
—
mA
RPH
P�ll-high Resistance fo� SCS onl�
�.0V
—
�0
60
100
kΩ
5.0V
10
�0
50
kΩ
Note:"*"TheoperatingcurrentIDD1listedhereistheadditionalcurrentconsumedwhentheslaveSPIinterface
intheUARTmoduleisenabledandtheUARTinterfaceisdisabled.Similarly,theoperatingcurrent
IDD2hereistheadditionalcurrentconsumedwhenboththeslaveSPIinterfaceandUARTinterfaceare
enabled.IftheUARTmoduleisenabled,eitherIDD1orIDD2shouldbeaddedtocalculatetherelevant
operatingcurrentofthedevicefordifferentconditions.Tocalculatethestandbycurrentforthewhole
device,thestandbycurrentshownaboveshouldbetakenintoaccount.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com