Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 244 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 244 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 240Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 241Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 242Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 243Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 244Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 245Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 246Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 247Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 248Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 298 page
background image
Rev. 1.90
�44
�e���a�� 18� �01�
Rev. 1.90
�45
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
UART Data T�ansfe� Scheme
MSB
LSB
…………………………
T�ansmitte� Shift Registe� (TSR)
MSB
LSB
…………………………
Receive� Shift Registe� (RSR)
TX Pin
RX Pin
Ba�d Rate
Gene�ato�
TX Registe� (TXR)
RX Registe� (RXR)
B�ffe� 1
B�ffe� �
B�ffe� �
Data to �e t�ansmitted
Data �eceived
UART Data Transfer Scheme
UART Commands
TherearebothreadandwritecommandsfortheUARTModule.Forreadingandwritingtoregisters
bothcommandandaddressinformationiscontainedwithinasinglebyte.Theformatforreadingand
writingisshowninthefollowingtable.
Command Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Read �I�O
0
0
0
0
0
×
×
×
Read Registe�
0
0
0
1
0
A�
A1
A0
W�ite �I�O
0
0
0
0
1
×
×
×
W�ite Registe�
0
0
0
1
1
A�
A1
A0
Note: "×" he�e stands fo� don't ca�e
UART Status and Control Registers
TherearesixregistersassociatedwiththeUARTfunction.TheUSR,UCR1,UCR2andUCR3
registerscontroltheoverallfunctionoftheUARTmodule,whiletheBRGregistercontrolstheBaud
rate.Theactualdatatobetransmittedandreceivedontheserialinterfaceismanagedthroughthe
TXR/RXRdataregister.
A[2:0]
Name
Reset
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00H
USR
0000 1011
PERR
N�
�ERR
OERR
RIDLE
RXI�
TIDLE
TXI�
01H
UCR1
0000 0×00
UARTEN
BNO
PREN
PRT
STOPS TXBRK
RX8
TX8
0�H
UCR�
0000 0000
TXEN
RXEN BRGH ADDEN
WAKE
RIE
TIIE
TEIE
0�H
BRG
×××× ××××
BRG7
BRG6 BRG5
BRG4
BRG�
BRG�
BRG1 BRG0
04H
UCR�
0--- ----
URST
—
—
—
—
—
—
—
05H~07H
Un�sed
---- ----
Rese�ved
UART Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com