Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 247 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 247 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 243Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 244Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 245Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 246Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 247Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 248Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 249Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 250Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 251Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 298 page
background image
Rev. 1.90
�46
�e���a�� 18� �01�
Rev. 1.90
�47
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
UCR1 register
TheUCR1registertogetherwiththeUCR2registerarethetwoUARTcontrolregistersthatareused
tosetthevariousoptionsfortheUARTfunctionsuchasoverallon/offcontrol,paritycontrol,data
transferbitlength,etc.Furtherexplanationoneachofthebitsisgivenbelow:
Bit
7
6
5
4
3
2
1
0
Name
UARTEN
BNO
PREN
PRT
STOPS
TXBRK
RX8
TX8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
W
POR
0
0
0
0
0
0
×
0
“×” �nknown
Bit7
UARTEN:UARTfunctionenablecontrol
0:DisableUART.TXandRXpinsareinthestateofhighimpedance
1:EnableUART.TXandRXpinsfunctionasUARTpins
TheUARTENbitistheUARTenablebit.Whenthisbitisequalto0,theUART
willbedisabledandtheRXpinaswellastheTXpinwillbeinthestateofhigh
impedance.Whenthebitisequalto1,theUARTwillbeenabledandtheTXandRX
pinswillfunctionasdefinedbytheTXENandRXENenablecontrolbits.Whenthe
UARTisdisabled,itwillemptythebuffersoanycharacterremaininginthebufferwill
bediscarded.Inaddition,thevalueofthebaudratecounterwillbereset.IftheUART
isdisabled,allerrorandstatusflagswillbereset.AlsotheTXEN,RXEN,TXBRK,
RXIF,OERR,FERR,PERRandNFbitswillbecleared,whiletheTIDLE,TXIFand
RIDLEbitswillbeset.OthercontrolbitsinUCR1,UCR2andBRGregisterswill
remainunaffected.IftheUARTisactiveandtheUARTENbitiscleared,allpending
transmissionsandreceptionswillbeterminatedandthemodulewillberesetasdefined
above.WhentheUARTisre-enabled,itwillrestartinthesameconfiguration.
Bit6
BNO:Numberofdatatransferbitsselection
0:8-bitdatatransfer
1:9-bitdatatransfer
Thisbitisusedtoselectthedatalengthformat,whichcanhaveachoiceofeither8-bit
or9-bitformat.Whenthisbitisequalto1,a9-bitdatalengthformatwillbeselected.
Ifthebitisequalto0,thenan8-bitdatalengthformatwillbeselected.If9-bitdata
lengthformatisselected,thenbitsRX8andTX8willbeusedtostorethe9thbitofthe
receivedandtransmitteddatarespectively.
Bit5
PREN:Parityfunctionenablecontrol
0:Parityfunctionisdisabled
1:Parityfunctionisenabled
Thisistheparityenablebit.Whenthisbitisequalto1,theparityfunctionwillbe
enabled.Ifthebitisequalto0,thentheparityfunctionwillbedisabled.
Bit4
PRT:Paritytypeselectionbit
0:Evenparityforparitygenerator
1:Oddparityforparitygenerator
Thisbitistheparitytypeselectionbit.Whenthisbitisequalto1,oddparitytypewill
beselected.Ifthebitisequalto0,thenevenparitytypewillbeselected.
Bit3
STOPS:NumberofStopbitsselection
0:Onestopbitformatisused
1:Twostopbitsformatisused
Thisbitdeterminesifoneortwostopbitsaretobeused.Whenthisbitisequalto1,
twostopbitsareused.Ifthisbitisequalto0,thenonlyonestopbitisused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com