Electronic Components Datasheet Search
  English  ▼

X  

OPA188AIDBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA188AIDBVT
Description  Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA188AIDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA188AIDBVT Datasheet HTML 4Page - Texas Instruments OPA188AIDBVT Datasheet HTML 5Page - Texas Instruments OPA188AIDBVT Datasheet HTML 6Page - Texas Instruments OPA188AIDBVT Datasheet HTML 7Page - Texas Instruments OPA188AIDBVT Datasheet HTML 8Page - Texas Instruments OPA188AIDBVT Datasheet HTML 9Page - Texas Instruments OPA188AIDBVT Datasheet HTML 10Page - Texas Instruments OPA188AIDBVT Datasheet HTML 11Page - Texas Instruments OPA188AIDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
OPA188
SBOS642A – MARCH 2013 – REVISED MARCH 2013
www.ti.com
TYPICAL CHARACTERISTICS
Table 2. Characteristic Performance Measurements
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 2
Offset Voltage Drift Distribution
Figure 3
Offset Voltage vs Temperature
Figure 4
Offset Voltage vs Common-Mode Voltage
Figure 5, Figure 6
Offset Voltage vs Power Supply
Figure 7
Open-Loop Gain and Phase vs Frequency
Figure 8
Closed-Loop Gain vs Frequency
Figure 9
IB and IOS vs Common-Mode Voltage
Figure 10
Input Bias Current vs Temperature
Figure 11
Output Voltage Swing vs Output Current (Maximum Supply)
Figure 12
CMRR and PSRR vs Frequency (Referred-to-Input)
Figure 13
CMRR vs Temperature
Figure 14, Figure 15
PSRR vs Temperature
Figure 16
0.1-Hz to 10-Hz Noise
Figure 17
Input Voltage Noise Spectral Density vs Frequency
Figure 18
THD+N Ratio vs Frequency
Figure 19
THD+N vs Output Amplitude
Figure 20
Quiescent Current vs Supply Voltage
Figure 21
Quiescent Current vs Temperature
Figure 22
Open-Loop Gain vs Temperature
Figure 23
Open-Loop Output Impedance vs Frequency
Figure 24
Small-Signal Overshoot vs Capacitive Load (100-mV Output Step)
Figure 25, Figure 26
No Phase Reversal
Figure 27
Positive Overload Recovery
Figure 28
Negative Overload Recovery
Figure 29
Small-Signal Step Response (100 mV)
Figure 30, Figure 31
Large-Signal Step Response
Figure 32, Figure 33
Large-Signal Settling Time (10-V Positive Step)
Figure 34
Large-Signal Settling Time (10-V Negative Step)
Figure 35
Short-Circuit Current vs Temperature
Figure 36
Maximum Output Voltage vs Frequency
Figure 37
EMIRR IN+ vs Frequency
Figure 38
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: OPA188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com