Electronic Components Datasheet Search
  English  ▼

X  

OPA188AIDBVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA188AIDBVT
Description  Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA188AIDBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA188AIDBVT Datasheet HTML 17Page - Texas Instruments OPA188AIDBVT Datasheet HTML 18Page - Texas Instruments OPA188AIDBVT Datasheet HTML 19Page - Texas Instruments OPA188AIDBVT Datasheet HTML 20Page - Texas Instruments OPA188AIDBVT Datasheet HTML 21Page - Texas Instruments OPA188AIDBVT Datasheet HTML 22Page - Texas Instruments OPA188AIDBVT Datasheet HTML 23Page - Texas Instruments OPA188AIDBVT Datasheet HTML 24Page - Texas Instruments OPA188AIDBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
OPA188
15V
RIN
RF
RSHUNT
Load
ILOAD
V
VOUT
100m
VOUT= ILOAD*RSHUNT(1+RF/RIN)
VOUT / ILOAD= 1V/49.75mA
100
20k
+
CF
150pF
OPA188
15V
15V
VOUT
R
R1
R
R
R
VREF
R1
OPA188
www.ti.com
SBOS642A – MARCH 2013 – REVISED MARCH 2013
Figure 45 shows the basic configuration for a bridge amplifier. Click the following link to download the TINA-TI
file: Bridge Amplifier Circuit.
Figure 45. Bridge Amplifier
Figure 46 shows the OPA188 configured in a low-side current-sensing application. The load current (ILOAD)
creates a voltage drop across the shunt resistor (RSHUNT). This voltage is amplified by the OPA188, with a gain of
201. The load current is set from 0 A to 500 mA, which corresponds to an output voltage range from 0 V to 10 V.
The output range can be adjusted by changing the shunt resistor or gain of the configuration. Click the following
link to download the TINA-TI file: Current-Sensing Circuit.
Figure 46. Low-Side Current Monitor
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: OPA188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com