Electronic Components Datasheet Search
  English  ▼

X  

OPA188AIDBVT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA188AIDBVT
Description  Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA188AIDBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA188AIDBVT Datasheet HTML 16Page - Texas Instruments OPA188AIDBVT Datasheet HTML 17Page - Texas Instruments OPA188AIDBVT Datasheet HTML 18Page - Texas Instruments OPA188AIDBVT Datasheet HTML 19Page - Texas Instruments OPA188AIDBVT Datasheet HTML 20Page - Texas Instruments OPA188AIDBVT Datasheet HTML 21Page - Texas Instruments OPA188AIDBVT Datasheet HTML 22Page - Texas Instruments OPA188AIDBVT Datasheet HTML 23Page - Texas Instruments OPA188AIDBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
OPA188
-15 V
15 V
U3
OPA188
15 V
-15 V
U2
+
VCM
10
-VDIFF / 2
V
DIFF / 2
R
10 kW
5
R
10 kW
7
R
500 W
G
V
P
OUT
V
N
OUT
U1
INA159
5 V
V
OUT
(1)
Ref 1
Ref 2
Sense
OPA188
SBOS642A – MARCH 2013 – REVISED MARCH 2013
www.ti.com
APPLICATION EXAMPLES
The following application examples highlight only a few of the circuits where the OPA188 can be used.
TINA-TI™ (Free Download Software)
Using a TINA-TI SPICE-Based Analog Simulation Program with the OPA188
TINA™ is a simple, powerful, and easy-to-use circuit simulation program based on a SPICE engine. TINA-TI is a
free, fully-functional version of the TINA software, preloaded with a library of macromodels in addition to a range
of both passive and active models. TINA-TI provides all the conventional dc, transient, and frequency domain
analysis of SPICE as well as additional design capabilities.
Available as a free download from the Analog eLab Design Center, TINA-TI offers extensive post-processing
capability that allows users to format results in a variety of ways. Virtual instruments offer users the ability to
select input waveforms and probe circuit nodes, voltages, and waveforms, creating a dynamic quick-start tool.
NOTE
These files require that either the TINA software (from DesignSoft™) or TINA-TI software
be installed. Download the free TINA-TI software from the TINA-TI folder.
Figure 44 shows an example of how the OPA188 can be used as a high-voltage, high-impedance front-end for a
precision, discreet instrumentation amplifier with attenuation. The INA159 provides the attenuation that allows
this circuit to easily interface with 3.3-V or 5-V analog-to-digital converters (ADCs). Click the following link
download the TINA-TI file: Discreet INA.
(1) VOUT = VDIFF × (41 / 5) + (Ref 1) / 2.
Figure 44. Discrete INA + Attenuation for ADC with 3.3-V Supply
20
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: OPA188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com