Electronic Components Datasheet Search
  English  ▼

X  

OPA188AIDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA188AIDBVT
Description  Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA188AIDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA188AIDBVT Datasheet HTML 1Page - Texas Instruments OPA188AIDBVT Datasheet HTML 2Page - Texas Instruments OPA188AIDBVT Datasheet HTML 3Page - Texas Instruments OPA188AIDBVT Datasheet HTML 4Page - Texas Instruments OPA188AIDBVT Datasheet HTML 5Page - Texas Instruments OPA188AIDBVT Datasheet HTML 6Page - Texas Instruments OPA188AIDBVT Datasheet HTML 7Page - Texas Instruments OPA188AIDBVT Datasheet HTML 8Page - Texas Instruments OPA188AIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
145
125
105
85
65
45
25
5
-55
-15
5
25
125
Temperature ( C)
°
-35
45
65
OPA188 Zero-Drift Architecture
Precision Laser Trim Architecture
85
105
OPA188
www.ti.com
SBOS642A – MARCH 2013 – REVISED MARCH 2013
Precision, Low-Noise, Rail-to-Rail Output,
36-V, Zero-Drift Operational Amplifiers
Check for Samples: OPA188
1
FEATURES
DESCRIPTION
The OPA188 operational amplifier uses TI proprietary
2345
• Low Offset Voltage: 25
μV (max)
auto-zeroing techniques to provide low offset voltage
•
Zero-Drift: 0.03
μV/°C
(25
μV, max), and near zero-drift over time and
•
Low Noise: 8.8 nV/
√Hz
temperature. This miniature, high-precision, low-
quiescent
current
amplifier
offers
high
input
–
0.1-Hz to 10-Hz Noise: 0.25 µVPP
impedance and rail-to-rail output swing within 15 mV
•
Excellent DC Precision:
of the rails. The input common-mode range includes
–
PSRR: 142 dB
the negative rail. Either single or dual supplies can be
used in the range of +4 V to +36 V (±2 V to ±18 V).
–
CMRR: 146 dB
–
Open-Loop Gain: 136 dB
The single version is available in the MicroSIZE
SOT23-5, MSOP-8, and SO-8 packages. All versions
•
Gain Bandwidth: 2 MHz
are specified for operation from –40°C to +125°C.
•
Quiescent Current: 510
μA (max)
•
Wide Supply Range: ±2 V to ±18 V
•
Rail-to-Rail Output
•
Input Includes Negative Rail
•
RFI Filtered Inputs
•
MicroSIZE Packages
APPLICATIONS
•
Bridge Amplifiers
•
Strain Gauges
•
Transducer Applications
•
Temperature Measurement
•
Electronic Scales
•
Medical Instrumentation
•
Resistance Temperature Detectors
Zero-Drift Amplifier Portfolio
OFFSET VOLTAGE
OFFSET VOLTAGE
INPUT VOLTAGE NOISE
VERSION
PRODUCT
(µV, max)
DRIFT (µV/°C, max)
BANDWIDTH (MHz)
(µVPP, f = 0.1 Hz to 10 Hz)
OPA188 (4 V to 36 V)
±25
±0.085
2
0.25
OPA333 (5 V)
±10
±0.05
0.35
1.1
Single
OPA378 (5 V)
±50
±0.25
0.9
0.4
OPA735 (12 V)
±5
±0.05
1.6
2.5
OPA2188 (4 V to 36 V)
±25
±0.085
2
0.25
OPA2333 (5 V)
±10
±0.05
0.35
1.1
Dual
OPA2378 (5 V)
±50
±0.25
0.9
0.4
OPA2735 (12 V)
±5
±0.05
1.6
2.5
OPA4188 (4 V to 36 V)
±25
±0.085
2
0.25
Quad
OPA4330 (5 V)
±50
±0.25
0.35
1.1
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TINA-TI is a trademark of Texas Instruments, Inc and DesignSoft, Inc.
3
Bluetooth is a registered trademark of Bluetooth SIG, Inc.
4
TINA, DesignSoft are trademarks of DesignSoft, Inc.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA188AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188AIDBVT TI1-OPA188AIDBVT Datasheet
483Kb / 23P
0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA188AIDBVT TI2-OPA188AIDBVT Datasheet
1Mb / 42P
OPA188 Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifier
REVISED JANUARY 2020
OPA188AIDBVT.B TI2-OPA188AIDBVT.B Datasheet
1Mb / 42P
OPA188 Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifier
REVISED JANUARY 2020
More results

Similar Description - OPA188AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187 Datasheet
1Mb / 33P
Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com