Electronic Components Datasheet Search
  English  ▼

X  

OPA188AIDBVT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA188AIDBVT
Description  Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA188AIDBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA188AIDBVT Datasheet HTML 18Page - Texas Instruments OPA188AIDBVT Datasheet HTML 19Page - Texas Instruments OPA188AIDBVT Datasheet HTML 20Page - Texas Instruments OPA188AIDBVT Datasheet HTML 21Page - Texas Instruments OPA188AIDBVT Datasheet HTML 22Page - Texas Instruments OPA188AIDBVT Datasheet HTML 23Page - Texas Instruments OPA188AIDBVT Datasheet HTML 24Page - Texas Instruments OPA188AIDBVT Datasheet HTML 25Page - Texas Instruments OPA188AIDBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
OPA188
RTD
Pt100
R
105.8 k
5
W
(1)
V
OUT
R
60.4 k
3
W
R
4.99 k
1
W
R
49.1 k
2
W
R
1 kW
4
1 F
m
1 F
m
REF5050
+15 V
In
Out
(5 V)
0 C = 0 V
200 C = 5 V
°
°
R
1
10k
R
2
1k
R
3
10k
R
4
40k
C
1
150pF
C
2
500nF
OPA188
OPA548
VOUT
-15V
-30V
30V
15V
DAC8581
Input = ± 5V
VOUT = ± 25V
OPA188
SBOS642A – MARCH 2013 – REVISED MARCH 2013
www.ti.com
Figure 47 shows the OPA188 configured as a precision programmable power supply using the 16-bit, voltage
output DAC8581 and the OPA548 high-current amplifier. This application amplifies the digital-to-analog converter
(DAC) voltage by a value of five and handles a large variety of capacitive and current loads. The OPA188 in the
front-end provides precision and low drift across a wide range of inputs and conditions. Click the following link to
download the TINA-TI file: Programmable Power-Supply Circuit.
Figure 47. Programmable Power Supply
Refer to the Applications Report, Analog linearization of resistance temperature detectors (SLYT442) for an in-
depth analysis of Figure 48. Click the following link to download the TINA-TI file: RTD Amplifier with
Linearization.
(1) R5 provides positive-varying excitation to linearize output.
Figure 48. RTD Amplifier with Linearization
22
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: OPA188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com