Electronic Components Datasheet Search
  English  ▼

X  

OPA188AIDBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA188AIDBVT
Description  Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA188AIDBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA188AIDBVT Datasheet HTML 12Page - Texas Instruments OPA188AIDBVT Datasheet HTML 13Page - Texas Instruments OPA188AIDBVT Datasheet HTML 14Page - Texas Instruments OPA188AIDBVT Datasheet HTML 15Page - Texas Instruments OPA188AIDBVT Datasheet HTML 16Page - Texas Instruments OPA188AIDBVT Datasheet HTML 17Page - Texas Instruments OPA188AIDBVT Datasheet HTML 18Page - Texas Instruments OPA188AIDBVT Datasheet HTML 19Page - Texas Instruments OPA188AIDBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
160
140
120
100
80
60
40
20
0
10M
10G
Frequency(Hz)
100M
1G
OPA188
SBOS642A – MARCH 2013 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
The OPA188 operational amplifier combines precision offset and drift with excellent overall performance, making
the device ideal for many precision applications. The precision offset drift of only 0.085 µV per degree Celsius
provides stability over the entire temperature range. In addition, the device offers excellent overall performance
with high CMRR, PSRR, and AOL. As with all amplifiers, applications with noisy or high-impedance power
supplies require decoupling capacitors close to the device pins. In most cases, 0.1-µF capacitors are adequate.
OPERATING CHARACTERISTICS
The OPA188 is specified for operation from 4 V to 36 V (±2 V to ±18 V). Many specifications apply from –40°C to
+125°C. Parameters that can exhibit significant variance with regard to operating voltage or temperature are
presented in the Typical Characteristics section.
EMI REJECTION
The OPA188 uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI interference
from sources such as wireless communications and densely-populated boards with a mix of analog signal chain
and digital components. EMI immunity can be improved with circuit design techniques; the OPA188 benefits from
these design improvements. Texas Instruments has developed the ability to accurately measure and quantify the
immunity of an operational amplifier over a broad frequency spectrum extending from 10 MHz to 6 GHz.
Figure 39 shows the results of this testing on the OPA188. Table 3 shows the EMIRR IN+ values for the OPA188
at particular frequencies commonly encountered in real-world applications. Applications listed in Table 3 may be
centered on or operated near the particular frequency shown. Detailed information can also be found in the
Application Report EMI Rejection Ratio of Operational Amplifiers (SBOA128), available for download from
www.ti.com.
Figure 39. EMIRR Testing
Table 3. OPA188 EMIRR IN+ for Frequencies of Interest
FREQUENCY
APPLICATION/ALLOCATION
EMIRR IN+
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency
400 MHz
62.2 dB
(UHF) applications
Global system for mobile communications (GSM) applications, radio
900 MHz
communication, navigation, GPS (to 1.6 GHz), GSM, aeronautical mobile, UHF
74.7 dB
applications
GSM applications, mobile personal communications, broadband, satellite, L-band
1.8 GHz
100.7 dB
(1 GHz to 2 GHz)
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications,
2.4 GHz
industrial, scientific and medical (ISM) radio band, amateur radio and satellite, S-
102.4 dB
band (2 GHz to 4 GHz)
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
104.8 dB
802.11a, 802.11n, aero communication and navigation, mobile communication,
5.0 GHz
100.3 dB
space and satellite operation, C-band (4 GHz to 8 GHz)
16
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: OPA188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com