Electronic Components Datasheet Search
  English  ▼

X  

OPA188AIDBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA188AIDBVT
Description  Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA188AIDBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA188AIDBVT Datasheet HTML 10Page - Texas Instruments OPA188AIDBVT Datasheet HTML 11Page - Texas Instruments OPA188AIDBVT Datasheet HTML 12Page - Texas Instruments OPA188AIDBVT Datasheet HTML 13Page - Texas Instruments OPA188AIDBVT Datasheet HTML 14Page - Texas Instruments OPA188AIDBVT Datasheet HTML 15Page - Texas Instruments OPA188AIDBVT Datasheet HTML 16Page - Texas Instruments OPA188AIDBVT Datasheet HTML 17Page - Texas Instruments OPA188AIDBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
30
20
10
0
10
20
30
-
-
-
-55
-35
-15
5
25
125
Temperature ( C)
°
45
105
85
65
I
, Source
SC
I
, Sink
SC
15
12.5
10
7.5
5
2.5
0
1k
100k
1M
10M
Frequency(Hz)
V = 15V
±
S
V = 5V
±
S
V = 2.25V
±
S
Maximumoutputvoltagewithout
slew-rateinduceddistortion.
10k
10
8
6
4
2
0
2
4
6
8
10
-
-
-
-
-
0
60
Time ( s)
m
20
10
50
40
30
12-Bit Settling
( 1/2 LSB = 0.024%)
±
±
G = 1
-
10
8
6
4
2
0
2
4
6
8
10
-
-
-
-
-
0
60
Time ( s)
m
20
10
50
40
30
12-Bit Settling
( 1/2 LSB = 0.024%)
±
±
G = 1
-
Time(50 s/div)
m
G=+1
R =10k
C =10pF
L
W
L
Time(50 s/div)
m
G= 1
R =10k
C =10pF
-
W
L
L
OPA188
SBOS642A – MARCH 2013 – REVISED MARCH 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 32. LARGE-SIGNAL STEP RESPONSE
Figure 33. LARGE-SIGNAL STEP RESPONSE
Figure 34. LARGE-SIGNAL SETTLING TIME
Figure 35. LARGE-SIGNAL SETTLING TIME
(10-V Positive Step)
(10-V Negative Step)
Figure 36. SHORT-CIRCUIT CURRENT vs TEMPERATURE
Figure 37. MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
14
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: OPA188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com