Electronic Components Datasheet Search
  English  ▼

X  

OPA188AIDBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA188AIDBVT
Description  Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA188AIDBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA188AIDBVT Datasheet HTML 8Page - Texas Instruments OPA188AIDBVT Datasheet HTML 9Page - Texas Instruments OPA188AIDBVT Datasheet HTML 10Page - Texas Instruments OPA188AIDBVT Datasheet HTML 11Page - Texas Instruments OPA188AIDBVT Datasheet HTML 12Page - Texas Instruments OPA188AIDBVT Datasheet HTML 13Page - Texas Instruments OPA188AIDBVT Datasheet HTML 14Page - Texas Instruments OPA188AIDBVT Datasheet HTML 15Page - Texas Instruments OPA188AIDBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
10k
1k
100
10
1
0.1
1
10
100
1k
10k
10M
Frequency (Hz)
100k
1M
40
35
30
25
20
15
10
5
0
0
100
200
300
400
500
600
700
800
900 1000
Capacitive Load (pF)
+18 V
-18 V
R
ISO
C
L
Device
R
L
G = +1
R
= 0 W
ISO
R
= 25 W
ISO
R
= 50 W
ISO
R =
kW
L
10
0.5
0.48
0.46
0.44
0.42
0.4
0.38
0.36
0.34
0.32
0.3
-55
-35
-15
5
25
125
Temperature ( C)
°
45
105
85
65
V = 18 V
±
S
V = 2 V
±
S
3
2.5
2
1.5
1
0.5
0
-55
-35
-15
5
25
125
Temperature ( C)
°
45
105
85
65
V
= 4 V, R = 10 kW
SUPPLY
L
V
= 36 V, R = 10 kW
SUPPLY
L
0.5
0.48
0.46
0.44
0.42
0.4
0.38
0.36
0.34
0.32
0.3
0
4
8
12
16
36
SupplyVoltage(V)
32
28
24
20
SpecifiedSupply-VoltageRange
0.1
0.01
0.001
0.0001
0.00001
0.01
0.1
1
10
20
Output Amplitude (V
)
RMS
-60
80
100
120
140
-
-
-
-
BW = 80 kHz
G = +1, R = 10 kW
L
G = 1, R = 10 k
-
W
L
OPA188
SBOS642A – MARCH 2013 – REVISED MARCH 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 20. THD+N vs OUTPUT AMPLITUDE
Figure 21. QUIESCENT CURRENT vs SUPPLY VOLTAGE
Figure 22. QUIESCENT CURRENT vs TEMPERATURE
Figure 23. OPEN-LOOP GAIN vs TEMPERATURE
Figure 24. OPEN-LOOP OUTPUT IMPEDANCE vs
Figure 25. SMALL-SIGNAL OVERSHOOT vs
FREQUENCY
CAPACITIVE LOAD (100-mV Output Step)
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: OPA188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com