Electronic Components Datasheet Search
  English  ▼

X  

AD5121 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5121
Description  Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5121 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5121 Datasheet HTML 5Page - Analog Devices AD5121 Datasheet HTML 6Page - Analog Devices AD5121 Datasheet HTML 7Page - Analog Devices AD5121 Datasheet HTML 8Page - Analog Devices AD5121 Datasheet HTML 9Page - Analog Devices AD5121 Datasheet HTML 10Page - Analog Devices AD5121 Datasheet HTML 11Page - Analog Devices AD5121 Datasheet HTML 12Page - Analog Devices AD5121 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD5121/AD5141
Rev. 0 | Page 9 of 32
INTERFACE TIMING SPECIFICATIONS
VLOGIC = 1.8 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 4. SPI Interface
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Description
t
1
V
LOGIC > 1.8 V
20
ns
SCLK cycle time
V
LOGIC = 1.8 V
30
ns
t
2
V
LOGIC > 1.8 V
10
ns
SCLK high time
V
LOGIC = 1.8 V
15
ns
t
3
V
LOGIC > 1.8 V
10
ns
SCLK low time
V
LOGIC = 1.8 V
15
ns
t
4
10
ns
SYNC-to-SCLK falling edge setup time
t
5
5
ns
Data setup time
t
6
5
ns
Data hold time
t
7
10
ns
SYNC rising edge to next SCLK fall ignored
t
8
2
20
ns
Minimum SYNC high time
t
9
3
50
ns
SCLK rising edge to SDO valid
t
10
500
ns
SYNC rising edge to SDO pin disable
1 All input signals are specified with t
r = tf = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
2 Refer to t
EEPROM_PROGRAM and tEEPROM_READBACK for memory commands operations (see Table 6).
3 R
PULL_UP = 2.2 kΩ to VDD with a capacitance load of 168 pF.
Table 5. I2C Interface
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Description
f
SCL
2
Standard mode
100
kHz
Serial clock frequency
Fast mode
400
kHz
t
1
Standard mode
4.0
µs
SCL high time, t
HIGH
Fast mode
0.6
µs
t
2
Standard mode
4.7
µs
SCL low time, t
LOW
Fast mode
1.3
µs
t
3
Standard mode
250
ns
Data setup time, t
SU; DAT
Fast mode
100
ns
t
4
Standard mode
0
3.45
µs
Data hold time, t
HD; DAT
Fast mode
0
0.9
µs
t
5
Standard mode
4.7
µs
Setup time for a repeated start condition, t
SU; STA
Fast mode
0.6
µs
t
6
Standard mode
4
µs
Hold time (repeated) for a start condition, t
HD; STA
Fast mode
0.6
µs
t
7
Standard mode
4.7
µs
Bus free time between a stop and a start condition, t
BUF
Fast mode
1.3
µs
t
8
Standard mode
4
µs
Setup time for a stop condition, t
SU; STO
Fast mode
0.6
µs
t
9
Standard mode
1000
ns
Rise time of SDA signal, t
RDA
Fast mode
20 + 0.1 C
L
300
ns
t
10
Standard mode
300
ns
Fall time of SDA signal, t
FDA
Fast mode
20 + 0.1 C
L
300
ns
t
11
Standard mode
1000
ns
Rise time of SCL signal, t
RCL
Fast mode
20 + 0.1 C
L
300
ns
t
11A
Standard mode
1000
ns
Rise time of SCL signal after a repeated start condition
and after an acknowledge bit, t
RCL1 (not shown in Figure 3)
Fast mode
20 + 0.1 C
L
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com