Electronic Components Datasheet Search
  English  ▼

X  

AD5121 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5121
Description  Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5121 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5121 Datasheet HTML 12Page - Analog Devices AD5121 Datasheet HTML 13Page - Analog Devices AD5121 Datasheet HTML 14Page - Analog Devices AD5121 Datasheet HTML 15Page - Analog Devices AD5121 Datasheet HTML 16Page - Analog Devices AD5121 Datasheet HTML 17Page - Analog Devices AD5121 Datasheet HTML 18Page - Analog Devices AD5121 Datasheet HTML 19Page - Analog Devices AD5121 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD5121/AD5141
Data Sheet
Rev. 0 | Page 16 of 32
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AD5121/AD5141
0x80 (0x40)
0x40 (0x20)
0x20 (0x10)
0x10 (0x08)
0x8 (0x04)
0x4 (0x02)
0x2 (0x01)
0x1 (0x00)
0x00
Figure 20. 10 kΩ Gain vs. Frequency vs. Code
–100
–90
–80
–70
–60
–50
–40
20
200
2k
20k
200k
FREQUENCY (Hz)
10k
Ω
100k
Ω
VDD/VSS = ±2.5V
VA = 1V rms
VB = GND
CODE = HALF SCALE
NOISE FILTER = 22kHz
Figure 21. Total Harmonic Distortion Plus Noise (THD + N) vs. Frequency
–100
–80
–60
–40
–20
0
20
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
QUARTER SCALE
MIDSCALE
FULL-SCALE
VDD/VSS = ±2.5V
RAB = 10kΩ
Figure 22. Normalized Phase Flatness vs. Frequency, RAB = 10 kΩ
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0x80 (0x40)
0x40 (0x20)
0x20 (0x10)
0x10 (0x08)
0x8 (0x04)
0x4 (0x02)
0x2 (0x01)
0x1 (0x00)
0x00
AD5121/AD5141
Figure 23. 100 kΩ Gain vs. Frequency vs. Code
10k
Ω
100k
Ω
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.001
0.01
0.1
1
VOLTAGE (V rms)
VDD/VSS = ±2.5V
fIN = 1kHz
CODE = HALF SCALE
NOISE FILTER = 22kHz
Figure 24. Total Harmonic Distortion Plus Noise (THD + N) vs. Amplitude
–80
–90
–70
–60
–50
–40
–30
–20
–10
0
10
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
QUARTER SCALE
MIDSCALE
FULL-SCALE
VDD/VSS = ±2.5V
RAB = 100kΩ
Figure 25. Normalized Phase Flatness vs. Frequency, RAB = 100 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com