Electronic Components Datasheet Search
  English  ▼

X  

AD5121 Datasheet(PDF) 28 Page - Analog Devices

Part # AD5121
Description  Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5121 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5121 Datasheet HTML 24Page - Analog Devices AD5121 Datasheet HTML 25Page - Analog Devices AD5121 Datasheet HTML 26Page - Analog Devices AD5121 Datasheet HTML 27Page - Analog Devices AD5121 Datasheet HTML 28Page - Analog Devices AD5121 Datasheet HTML 29Page - Analog Devices AD5121 Datasheet HTML 30Page - Analog Devices AD5121 Datasheet HTML 31Page - Analog Devices AD5121 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD5121/AD5141
Data Sheet
Rev. 0 | Page 28 of 32
If the part is configured in linear gain setting mode, the resistance
between Terminal W and Terminal A is directly proportional
to the code loaded in the associate RDAC register. The general
equations for this operation are
AD5121:
W
AB
AW
R
R
D
D
R
+
×
=
128
)
(
From 0x00 to 0x7F (5)
AD5141:
W
AB
AW
R
R
D
D
R
+
×
=
256
)
(
From 0x00 to 0xFF (6)
where:
D is the decimal equivalent of the binary code in the 7-bit/8-bit
RDAC register.
RAB is the end-to-end resistance.
RW is the wiper resistance.
In the bottom scale condition or top scale condition, a finite
total wiper resistance of 40 Ω is present. Regardless of which
setting the part is operating in, limit the current between
Terminal A to Terminal B, Terminal W to Terminal A, and
Terminal W to Terminal B, to the maximum continuous current
of ±6 mA or to the pulse current specified in Table 7. Otherwise,
degradation or possible destruction of the internal switch
contact can occur.
Calculate the Actual End-to-End Resistance
The resistance tolerance is stored in the internal memory during
factory testing. Therefore, the actual end-to-end resistance can
be calculated (which is valuable for calibration, tolerance matching,
and precision applications).
The resistance tolerance (in percentage) is stored in fixed point
format, using a 16-bit sign magnitude binary. The sign bit
(0 = negative and 1 = positive) and the integer part are located
in Address 0x02, as shown in Table 19. Address 0x03 contains
the fractional part, as shown in Table 19.
That is, if the data readback from Address 0x02 is 00000010, and
the data readback from Address 0x03 is 10110000, the end-to-end
resistance can be calculated as follows.
For Memory Map Address 0x02, DB[7] = 0 = negative, and
DB[6:0] = 0000010 = 2.
For Memory Map Address 0x03, DB[7:0] = 10110000 = 176 × 2−8 =
0.6875, and therefore, tolerance = −2.6875%, and RAB = 9.731 kΩ.
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates a voltage divider at
wiper-to-B and wiper-to-A that is proportional to the input voltage
at A to B, as shown in Figure 43.
W
A
B
VA
VOUT
VB
Figure 43. Potentiometer Mode Configuration
Connecting Terminal A to 5 V and Terminal B to ground
produces an output voltage at the Wiper W to Terminal B
ranging from 0 V to 5 V. The general equation defining the
output voltage at VW with respect to ground for any valid
input voltage applied to Terminal A and Terminal B is
B
AB
AW
A
AB
WB
W
V
R
D
R
V
R
D
R
D
V
×
+
×
=
)
(
)
(
)
(
(7)
where:
RWB(D) can be obtained from Equation 1 and Equation 2.
RAW(D) can be obtained from Equation 3 and Equation 4.
Operation of the digital potentiometer in the divider mode
results in a more accurate operation over temperature. Unlike
the rheostat mode, the output voltage is dependent mainly on
the ratio of the internal resistors, RAW and RWB, and not the
absolute values. Therefore, the temperature drift reduces to
5 ppm/°C.
Table 19. End-to-End Resistance Tolerance Bytes
Data Byte
Memory Map Address
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0x02
Sign
26
25
24
23
22
21
20
0x03
2−1
2−2
2−3
2−4
2−5
2−6
2−7
2−8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com