Electronic Components Datasheet Search
  English  ▼

X  

AD5121 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5121
Description  Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5121 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5121 Datasheet HTML 8Page - Analog Devices AD5121 Datasheet HTML 9Page - Analog Devices AD5121 Datasheet HTML 10Page - Analog Devices AD5121 Datasheet HTML 11Page - Analog Devices AD5121 Datasheet HTML 12Page - Analog Devices AD5121 Datasheet HTML 13Page - Analog Devices AD5121 Datasheet HTML 14Page - Analog Devices AD5121 Datasheet HTML 15Page - Analog Devices AD5121 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD5121/AD5141
Data Sheet
Rev. 0 | Page 12 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
V
DD to GND
−0.3 V to +7.0 V
V
SS to GND
+0.3 V to −7.0 V
V
DD to VSS
7 V
V
LOGIC to GND
−0.3 V to V
DD + 0.3 V or
+7.0 V (whichever is less)
V
A, VW, VB to GND
V
SS − 0.3 V, VDD + 0.3 V or
+7.0 V (whichever is less)
I
A, IW, IB
Pulsed1
Frequency > 10 kHz
R
AW = 10 kΩ
±6 mA/d2
R
AW = 100 kΩ
±1.5 mA/d2
Frequency ≤ 10 kHz
R
AW = 10 kΩ
±6 mA/√d2
R
AW = 100 kΩ
±1.5 mA/√d2
Digital Inputs
−0.3 V to V
LOGIC + 0.3 V or
+7 V (whichever is less)
Operating Temperature Range, T
A
3
−40°C to +125°C
Maximum Junction Temperature,
T
J Maximum
150°C
Storage Temperature Range
−65°C to +150°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
20 sec to 40 sec
Package Power Dissipation
(T
J max − TA)/θJA
1 Maximum terminal current is bounded by the maximum current handling of
the switches, maximum power dissipation of the package, and maximum
applied voltage across any two of the A, B, and W terminals at a given
resistance.
2 d = pulse duty factor.
3 Includes programming of EEPROM memory.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is defined by the JEDEC JESD51 standard, and the value is
dependent on the test board and test environment.
Table 8. Thermal Resistance
Package Type
θ
JA
θ
JC
Unit
16-Lead LFCSP
89.51
3
°C/W
1 JEDEC 2S2P test board, still air (0 m/sec airflow).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com