Electronic Components Datasheet Search
  English  ▼

X  

AD5121 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5121
Description  Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5121 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5121 Datasheet HTML 18Page - Analog Devices AD5121 Datasheet HTML 19Page - Analog Devices AD5121 Datasheet HTML 20Page - Analog Devices AD5121 Datasheet HTML 21Page - Analog Devices AD5121 Datasheet HTML 22Page - Analog Devices AD5121 Datasheet HTML 23Page - Analog Devices AD5121 Datasheet HTML 24Page - Analog Devices AD5121 Datasheet HTML 25Page - Analog Devices AD5121 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD5121/AD5141
Data Sheet
Rev. 0 | Page 22 of 32
I2C SERIAL DATA INTERFACE
The AD5141 has 2-wire, I2C-compatible serial interface. These
devices can be connected to an I2C bus as a slave device, under the
control of a master device. See Figure 3 for a timing diagram of a
typical write sequence.
The AD5141 supports standard (100 kHz) and fast (400 kHz) data
transfer modes. Support is not provided for 10-bit addressing
and general call addressing.
The 2-wire serial bus protocol operates as follows:
1. The master initiates a data transfer by establishing a start
condition, which is when a high-to-low transition on the
SDA line occurs while SCL is high. The following byte is
the address byte, which consists of the 7-bit slave address
and an R/W bit. The slave device corresponding to the
transmitted address responds by pulling SDA low during
the ninth clock pulse (this is called the acknowledge bit).
At this stage, all other devices on the bus remain idle while
the selected device waits for data to be written to, or read
from, its shift register.
If the R/W bit is set high, the master reads from the slave
device. However, if the R/W bit is set low, the master writes
to the slave device.
2. Data is transmitted over the serial bus in sequences of nine
clock pulses (eight data bits followed by an acknowledge bit).
The transitions on the SDA line must occur during the low
period of SCL and remain stable during the high period of SCL.
3. When all data bits have been read from or written to, a stop
condition is established. In write mode, the master pulls the
SDA line high during the tenth clock pulse to establish a stop
condition. In read mode, the master issues a no acknowledge
for the ninth clock pulse (that is, the SDA line remains high).
The master then brings the SDA line low before the tenth
clock pulse, and then high again during the tenth clock pulse
to establish a stop condition.
I2C ADDRESS
The AD5141 has two different pin address options available, as
shown in Table 10.
Table 10. 24-Lead LFCSP Device Address Selection
ADDR0 Pin
ADDR1 Pin
7-Bit I2C Device Address
V
DD
V
DD
0100000
No connect1
V
DD
0100010
GND
V
DD
0100011
V
DD
No connect1
0101000
No connect1
No connect1
0101010
GND
No connect1
0101011
V
DD
GND
0101100
No connect1
GND
0101110
GND
GND
0101111
1 Not available in bipolar mode (V
SS < 0 V) or in low voltage mode (VLOGIC = 1.8 V).
Table 11. Simple Command Operation Truth Table
Command
Number
Control
Bits[DB15:DB12]
Address
Bits[DB11:DB8]1
Data Bits[DB7:DB0]1
C3
C2
C1
C0
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Operation
0
0
0
0
0
X
X
X
X
X
X
X
X
X
X
X
X
NOP: do nothing
1
0
0
0
1
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
Write contents of serial register
data to RDAC
2
0
0
1
0
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
Write contents of serial register
data to input register
3
0
0
1
1
X
0
0
0
X
X
X
X
X
X
D1
D0
Read back contents
D1
D0
Data
0
1
EEPROM
1
1
RDAC
9
0
1
1
1
X
X
0
0
X
X
X
X
X
X
X
1
Copy RDAC register to EEPROM
10
0
1
1
1
X
X
0
0
X
X
X
X
X
X
X
0
Copy EEPROM into RDAC
14
1
0
1
1
X
X
X
X
X
X
X
X
X
X
X
X
Software reset
15
1
1
0
0
0
0
0
0
X
X
X
X
X
X
X
D0
Software shutdown
D0
Condition
0
Normal mode
1
Shutdown mode
1 X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com